Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4627 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC4627
Description  POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4627 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC4627 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-273
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Driver Input
VIH
Logic 1, Input Voltage
2.4
—
—
V
VIL
Logic 0, Input Voltage
—
—
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VBOOST
– 10
—
10
µA
Driver Output
VOH
High Output Voltage
VDRIVE – 0.025
—
—
V
VOL
Low Output Voltage
—
—
0.025
V
RO
Output Resistance, High
IOUT = 10 mA, VDD = 5V
C & E Version (TA = 70°C or 85°C)
—
15
20
Ω
M Version (TA = 125°C)
—
15
25
RO
Output Resistance, Low
IOUT = 10 mA, VDD = 5V
C & E Version (TA = 70°C or 85°C)
—
10
13
Ω
M Version (TA = 125°C)
—
10
15
IPK
Peak Output Current
—
1.5
—
A
Switching Time
tR
Rise Time
Test Figure 1,2
—
—
55
nsec
tF
Fall Time
Test Figure 1,2
—
—
50
nsec
tD1
Delay Time
Test Figure 1,2
—
—
60
nsec
tD2
Delay Time
Test Figure 1,2
—
—
70
nsec
FMAX
Maximum Switching Frequency Test Figure 1
750
—
—
kHz
VDD = 5V, VBOOST > 8.5V
Voltage Booster
R3
Voltage Boost Output
IL = 10 mA, VDD = 5V
—
400
500
Ω
Source Resistance
R2
Voltage Doubler Output
—
170
300
Ω
Source Resistance
FOSC
Oscillator Frequency
5
—
50
kHz
VOSC
Oscillator Amplitude
RLOAD = 10kΩ
4.5
—
10
V
Measured at C1-
UV
Undervoltage Threshold
7.0
7.8
8.5
V
@ VBOOST
VSTART
Start Up Voltage
10.5
11.3
12
V
@ VBOOST
VBOOST
@VDD = 5V
No Load
14.6
—
—
V
Power Supply
IDD
Power Supply Current
VIN = LOW or HIGH
—
—
4
mA
VDD
Supply Voltage
4.0
—
6.0
V
POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
TC4626
TC4627
ELECTRICAL CHARACTERISTICS: TA = Over Operating Temperature Range VDD = 5V C1 = C2 = C3 10µF
unless otherwise specified.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com