Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4627 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC4627
Description  POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4627 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC4627 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4627 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-274
TELCOM SEMICONDUCTOR, INC.
TC4626
TC4627
POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
Figure 1. Inverting Driver Switching Time
* 100kHz SQUARE WAVE, tr = tf < 10nsec
SWITCHING TIME TEST CIRCUITS
Figure 2. Non-Inverting Driver Switching Time
* 100kHz SQUARE WAVE, tr = tf < 10nsec
OUTPUT
INPUT
10 µF
VBOOST
+5V
INPUT*
10%
90%
10%
90%
10%
90%
OUTPUT
tD1
t F
t
tD2
CL = 1000 pF
C3
0V
0V
TC4626
R
10 µF
C1+
C1-
C1
10 µF
C2
VDD = 5V
C2
VBOOST
38
7
1
6
5
2
4
Ceramic
0.1 µF
90%
10%
10%
10%
tD1
tR
tD2
tF
90%
+5V
INPUT*
OUTPUT
0V
0V
90%
OUTPUT
INPUT
10 µF
VBOOST
CL = 1000 pF
C3
TC4627
10 µF
C1+
C1-
C1
10 µF
C2
VDD = 5V
VBOOST
C2
3
8
7
1
6
5
2
4
0.1µF
Ceramic



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com