Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC621 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC621
Description  5V, DUAL TRIP POINT TEMPERATURE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC621 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC621 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC621 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC621 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC621 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC621 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC621 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2-17
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
DETAILED DESCRIPTION
The TC620/621 consists of a positive temperature coef-
ficient (PTC) temperature sensor, and a dual threshold
detector. Temperature setpoint programming is easily ac-
complished with external programming resistors from the
HIGH SET and LOW SET inputs to VDD. The HIGH LIMIT
and LOW LIMIT outputs remain low as long as measured
temperature is below setpoint values. As measured tem-
perature increases, the LOW LIMIT output is driven high
when temperature equals the LOW SET setpoint (
±3°C
max). If temperature continues to climb, the HIGH LIMIT
output is driven high when temperature equals the HIGH
SET setpoint (Figure 1). The CONTROL (hysteresis) output
is latched in its active state at the temperature specified by
the HIGH SET resistor. CONTROL is maintained active until
temperature falls to the value specified by the LOW SET
resistor.
Programming The TC620
The resistor values to achieve the desired trip-point
temperatures on HIGH SET and LOW SET are calculated
using EQUATION 1 below:
RTRIP = 0.5997 x T 2.1312
Where: Rtrip = Programming resistor in Ohms
T
= The desired trip point temperature
in degrees Kelvin
Equation 1.
For example, a 50
°C setting on either the HIGH SET or
LOW SET input is calculated using Equation 1 as follows:
Rset = 0.5997 x ((50 + 273.15)2.1312) = 133.6k Ω
Care must be taken to ensure the LOW SET program-
ming resistor is a smaller value than the HIGH SET program-
ming resistor. Failure to do this will result in erroneous
operation of the CONTROL output.
Care must also be taken to ensure the LOW SET
temperature setting is at least 5
°C lower than the HIGH SET
temperature setting. That is:
LOW SET
≤ HIGH SET – 5°C
The nomograph of Figure 2 can help the user obtain an
estimate of the external resistor values required for the
desired LOW SET and HIGH SET trip points.
Built-in Hysteresis
To prevent output "chattering" when measured tem-
perature is at (or near) the programmed trip point values, the
LOW SET and HIGH SET inputs each have built-in hyster-
esis of – 2
°C below the programmed settings (Figure 3).
Figure 3: Built-in Hysteresis on Low Limit and High Limit Outputs
As shown, the outputs remain in their active state
(hysteresis) until temperature falls an additional 2
°C below
the user's setting.
TEMPERATURE (
°C)
-55
-35
-15
5
25
45
65
85
105
125
50
100
150
200
250
SET POINT
(SET POINT – 2
°C)
HIGH LIMIT
or LOW LIMIT
Output
Figure 1: TC620/621 Input vs. Output Logic
LOW SET POINT
HIGH SET POINT
LOW LIMIT OUTPUT
HIGH LIMIT OUTPUT
CONTROL OUTPUT (COOL OPTION)
CONTROL OUTPUT (HEAT OPTION)
TEMPERATURE
Figure 2. TC620 Sense Resistors vs. Trip Temperature
TC620
TC621
5V, DUAL TRIP POINT
TEMPERATURE SENSORS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com