Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC621 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC621
Description  5V, DUAL TRIP POINT TEMPERATURE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC621 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC621 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC621 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC621 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC621 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC621 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC621 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-15
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC620
TC621
TC620/1-9 11/4/96
FUNCTIONAL BLOCK DIAGRAM
3
HIGH SET
2
LOW SET
5
CONTROL*
6
HIGH LIMIT
VDD
7
LOW LIMIT
8
4
*Suffix code "C" denotes cooling option (high true CONTROL output);
suffix code "H" denotes heating option (low true CONTROL output).
Q
S
R
Q
+
+
–
–
TC620
HIGH SET
LOW SET
1
THERMISTOR
CONTROL*
HIGH LIMIT
LOW LIMIT
Temp
to
Voltage
Converter
VREF
GEN
VREF
GEN
VREF
3
2
5
6
VDD
7
8
4
Q
S
R
Q
+
+
–
–
TC621
Thermistor
Interface
Circuit
VREF
GEN
VREF
GEN
VREF
Ambient
Part No.
Package
Temperature
TC621x*EOA
8-Pin SOIC
– 40
°C to +85°C
TC621x*EPA
8-Pin Plastic DIP
– 40
°C to +85°C
5V, DUAL TRIP POINT TEMPERATURE SENSORS
FEATURES
s
User-Programmable Hysteresis and Temperature
Set Point
s
Easily Programs with 2 External Resistors
s
Wide Temperature Detection
Range ................ – 40
°C to +125°C (TC620/621CVx)
s
External Thermistor for Remote Sensing
Applications (TC621x)
APPLICATIONS
s
Power Supply Overtemperature Detection
s
Consumer Equipment
s
Temperature Regulators
s
CPU Thermal Protection
ORDERING INFORMATION
Ambient
Part No.
Package
Temperature
TC620x*COA
8-Pin SOIC
0
°C to +70°C
TC620x*CPA
8-Pin Plastic DIP
0
°C to +70°C
TC620x*EOA
8-Pin SOIC
– 40
°C to +85°C
TC620x*EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC620CVOA
8-Pin SOIC
– 40
°C to +125°C
TC621x*COA
8-Pin SOIC
0
°C to +70°C
TC621x*CPA
8-Pin Plastic DIP
0
°C to +70°C
*The part code will be C or H (see Functional Block Diagram, below,
and page 2).
GENERAL DESCRIPTION
The TC620 and TC621 are programmable logic output
temperature detectors designed for use in thermal manage-
ment applications. The TC620 features an on-board tem-
perature sensor, while the TC621 connects to an external
NTC thermistor for remote sensing applications.
Both devices feature dual thermal interrupt outputs
(HIGH LIMIT and LOW LIMIT), each of which program with
a single external resistor. On the TC620, these outputs are
driven active (high) when measured temperature equals the
user-programmed limits. The CONTROL (hysteresis) out-
put is driven high when temperature equals the high limit
setting, and returns low when temperature falls below the
low limit setting. This output can be used to provide simple
ON/OFF control to a cooling fan or heater. The TC621
provides the same output functions except that the logical
states are inverted.
The TC620/621 are usable over a maximum tempera-
ture range of – 40
°C to +125°C.


Similar Part No. - TC621

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC621 MICROCHIP-TC621 Datasheet
450Kb / 14P
5V, Dual Trip Point Temperature Sensors
2012
TC621 MICROCHIP-TC621 Datasheet
195Kb / 16P
5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC621 MICROCHIP-TC621 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC621 MICROCHIP-TC621 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC621 MICROCHIP-TC621 Datasheet
276Kb / 14P
5V Dual Trip Point Temperature Sensors
10/31/05
More results

Similar Description - TC621

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC620 MICROCHIP-TC620 Datasheet
450Kb / 14P
5V, Dual Trip Point Temperature Sensors
2012
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
3V, Dual Trip Point Temperature Sensor
2002
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
logo
Microchip Technology
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
3V, Dual Trip Point Temperature Sensor
2006
TC620 MICROCHIP-TC620_13 Datasheet
195Kb / 16P
5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC620CEOA713 MICROCHIP-TC620CEOA713 Datasheet
276Kb / 14P
5V Dual Trip Point Temperature Sensors
10/31/05
TC620 MICROCHIP-TC620_15 Datasheet
400Kb / 20P
5V, Dual Trip Point Temperature Sensors
01/27/15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com