Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1995CMS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1995CMS
Description  32MHz, 1000V/關s Gain Selectable Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1995CMS Datasheet(HTML) 1 Page - Linear Technology

  LT1995CMS Datasheet HTML 1Page - Linear Technology LT1995CMS Datasheet HTML 2Page - Linear Technology LT1995CMS Datasheet HTML 3Page - Linear Technology LT1995CMS Datasheet HTML 4Page - Linear Technology LT1995CMS Datasheet HTML 5Page - Linear Technology LT1995CMS Datasheet HTML 6Page - Linear Technology LT1995CMS Datasheet HTML 7Page - Linear Technology LT1995CMS Datasheet HTML 8Page - Linear Technology LT1995CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1995
1995fb
4k
4k
–
+
2k
2k
1k
INPUT
RANGE
–15V TO 15V
1k
4k
LT1995
–15V
1995 TA01a
15V
OUT
REF
M1 M2 M4
P1 P2 P4
4k
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
32MHz, 1000V/
µs
Gain Selectable Amplifier
■ Internal Gain Setting Resistors
■ Pin Configurable as a Difference Amplifier,
Inverting and Noninverting Amplifier
■ Difference Amplifier:
Gain Range 1 to 7
CMRR > 65dB
■ Noninverting Amplifier:
Gain Range 1 to 8
■ Inverting Amplifier:
Gain Range –1 to –7
■ Gain Error: <0.2%
■ Slew Rate: 1000V/
µs
■ Bandwidth: 32MHz (Gain = 1)
■ Op Amp Input Offset Voltage: 2.5mV Max
■ Quiescent Current: 9mA Max
■ Wide Supply Range:
±2.5V to ±15V
■ Available in 10-Lead MSOP and
10-Lead (3mm
× 3mm) DFN Packages
■ Instrumentation Amplifier
■ Current Sense Amplifier
■
Video Difference Amplifier
■ Automatic Test Equipment
High Slew Rate Differential Gain of 1
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
DESCRIPTIO
The LT
®1995 is a high speed, high slew rate, gain select-
able amplifier with excellent DC performance. Gains from
–7 to 8 with a gain accuracy of 0.2% can be achieved using
no external components. The device is particularly well
suited for use as a difference amplifier, where the excellent
resistor matching results in a typical common mode
rejection ratio of 79dB.
The amplifier is a single gain stage design similar to the
LT1363 and features superb slewing and settling charac-
teristics. Input offset of the internal operational amplifier
is less than 2.5mV and the slew rate is 1000V/
µs. The
output can drive a 150
Ω load to ±2.5V on ±5V supplies,
making it useful in cable driver applications.
The resistors have excellent matching, 0.2% maximum at
room temperature and 0.3% from –40
°C to 85°C. The
temperature coefficient of the resistors is typically
–30ppm/
°C. The resistors are extremely linear with volt-
age, resulting in a gain nonlinearity of 10ppm.
The LT1995 is fully specified at
±2.5V, ±5V and ±15V sup-
plies and from –40
°C to 85°C. The device is available in
space saving 10-lead MSOP and 10-Lead (3mm
× 3mm)
DFN packages. For a micropower precision amplifier with
precision resistors, see the LT1991 and LT1996.
Large-Signal Transient (G = 1)
1995 TA01b


Similar Part No. - LT1995CMS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT1995 AD-LT1995 Datasheet
270Kb / 16P
±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
Rev 0
LT1995 AD-LT1995 Datasheet
361Kb / 20P
32MHz, 1000V/μs Gain Selectable Amplifier
REV B
logo
Linear Technology
LT1995 LINER-LT1995_15 Datasheet
366Kb / 20P
32MHz, 1000V/s Gain Selectable Amplifier
More results

Similar Description - LT1995CMS

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
Precision, 100UA Gain Selectable Amplifier
02-Nov-01
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
Precision, 100UA Gain Selectable Amplifier
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
Precision, 100uA Gain Selectable Amplifier
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01 Datasheet
1Mb / 36P
110 關A Selectable Gain Amplifier
2006
MCP6G01 MICROCHIP-MCP6G01_06 Datasheet
1Mb / 38P
110 關A Selectable Gain Amplifier
2006
logo
Linear Technology
LT1995 LINER-LT1995_15 Datasheet
366Kb / 20P
32MHz, 1000V/s Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
Precision, 100A Gain Selectable Amplifier
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
Precision, 100A Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com