Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1995CMS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1995CMS
Description  32MHz, 1000V/關s Gain Selectable Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1995CMS Datasheet(HTML) 5 Page - Linear Technology

  LT1995CMS Datasheet HTML 1Page - Linear Technology LT1995CMS Datasheet HTML 2Page - Linear Technology LT1995CMS Datasheet HTML 3Page - Linear Technology LT1995CMS Datasheet HTML 4Page - Linear Technology LT1995CMS Datasheet HTML 5Page - Linear Technology LT1995CMS Datasheet HTML 6Page - Linear Technology LT1995CMS Datasheet HTML 7Page - Linear Technology LT1995CMS Datasheet HTML 8Page - Linear Technology LT1995CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1995
1995fb
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
G = 1 (MS10)
±15V
●
1.2
7.5
mV
Referred to Input (Note 7)
G = 1 (DD10)
±15V
●
1.6
13
mV
G = 2 (MS10)
±15V
●
0.9
6
mV
G = 2 (DD10)
±15V
●
1.2
10
mV
G = 4 (MS10)
±15V
●
0.7
5.5
mV
G = 4 (DD10)
±15V
●
0.9
8.5
mV
G = 1 (MS10)
±5V
●
1.1
7.5
mV
G = 1 (DD10)
±5V
●
1.4
13
mV
G = 1 (MS10)
±2.5V
●
1.1
7.5
mV
G = 1 (DD10)
±2.5V
●
1.5
13
mV
VOS TC
Input Offset Voltage Drift
G = 1 (MS10)
±15V
●
10
26
µV/°C
Referred to Input (Note 9)
G = 1 (DD10)
±15V
●
10
35
µV/°C
VOS_OA
Op Amp Input Offset Voltage
G = 1 (MS10)
±2.5V, ±5V, ±15V
●
0.6
3.75
mV
(Note 10)
G = 1 (DD10)
±2.5V, ±5V, ±15V
●
0.8
6.5
mV
Input Voltage Range
G = 1
±15V
●
±15
±15.5
V
±5V
●
±5
±5.5
V
±2.5V
●
±1
±1.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±15V, G = 1
±15V
●
62
77
dB
Referred to Input
VCM = ±15V, G = 2
±15V
●
68
83
dB
VCM = ±15V, G = 4
±15V
●
72
86
dB
VCM = ±5V, G = 1
±5V
●
61
72
dB
VCM = ±1V, G = 1
±2.5V
●
57
66
dB
PSRR
Power Supply Rejection Ratio
P1 = M1 = 0V, G = 1, VS = ±2.5V to ±15V
●
74
86
dB
VOUT
Output Voltage Swing
RL = 1k
±15V
●
±13
±14
V
RL = 500Ω
±15V
● ±12.5
±13.5
V
RL = 500Ω
±5V
●
±3.3
±4V
RL = 500Ω
±2.5V
●
±1.1
±2V
ISC
Short-Circuit Current
G = 1
±15V
●
±50
±105
mA
SR
Slew Rate
G = –2, VOUT = ±12V, P2 = 0V
±15V
●
550
900
V/
µs
Measured at VOUT = ±10V
IS
Supply Current
G = 1
±15V
●
8.0
11.0
mA
±5V
●
7.6
10.4
mA
The
● denotes the specifications which apply over the –40
°C ≤ TA ≤ 85°C.
Difference Amplifier Configuration. VREF = VCM = 0V and unused gain pins are unconnected, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The inputs are protected by diodes connected to VS
+ and VS–.
If an input goes beyond the supply range, the input current should be
limited to 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 4: The LT1995C and LT1995I are guaranteed functional over the
operating temperature range of –40
°C to 85°C.
Note 5: The LT1995C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1995C is designed, characterized and expected to
meet specified performance from –40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1995I is guaranteed to meet
specified performance from –40
°C to 85°C.
Note 6: Thermal resistance (
θJA) varies with the amount of PC board metal
connected to the leads. The specified values are for short traces connected
to the leads. If desired, the thermal resistance can be reduced slightly in
the MS package to about 130
°C/W by connecting the used leads to a
larger metal area. A substantial reduction in thermal resistance down to
about 50
°C/W can be achieved by connecting the Exposed Pad on the
bottom of the DD package to a large PC board metal area which is either
open-circuited or connected to VS–.
Note 7: Input offset voltage is pulse tested and is exclusive of warm-up
drift. VOS and VOS TC refer to the input offset of the difference amplifier
configuration. The equivalent input offset of the internal op amp can be
calculated from VOS_OA = VOS • G/(G +1).
Note 8: Full Power bandwidth is calculated from the slew rate measure-
ment: FPBW = SR/2
πVP.
Note 9: This parameter is not 100% tested.
Note 10: The input offset of the internal op amp is calculated from the
input offset voltage: VOS_OA = VOS • G/(G +1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com