Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4115 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4115
Description  Low Frequency Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4115 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4115 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Low Frequency Transistor
2SC4115
Features
Low VCE(sat):VCE(sat) =0.2V(Typ.)
IC /IB =2A/0.1A
NPN silicon transistor
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
collector-base voltage
VCBO
40
V
collector-emitter voltage
VCEO
20
V
emitter-base voltage
VEBO
6V
IC
3A
ICP *1
5
A
CollectorPower Dissipation
PC
0.3
W
Junotion Temperature
TJ
150
storage Temperature
Tstg
-55to150
*1 Single pulse pw=10ms
collector current
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=50ìA
40
V
collector-emitter breakdown voltage
VCEO
IC=1mA
20
V
Emitter-base breakdown voltage
VEBO
IE=50ìA
6
V
Collector cutoff current
ICBO
VCB=30V
0.1
A
Emitter outoff current
IEBO
VEB=5V
0.1
A
Collector emitter saturation voltage
VCE(sat)
IC/IB=2A/0.1A
0.2
0.5
V
DC current gain
hFE
VCE=2V,IC=0.1A
120
560
Output capacitance
Cob
VCB=10V,IE=0A,f=1MHz
25
pF
Transition frequency
fT
VCE=2V.IE=0.5A,f=100MHz
290
MHz
hFE Classification
Rank
Q
R
S
hFE
120
270
180
390
270
560


Similar Part No. - 2SC4115

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
2SC4115 HTSEMI-2SC4115 Datasheet
1Mb / 2P
TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
2SC4115 SECOS-2SC4115 Datasheet
76Kb / 1P
NPN Plastic Encapsulated Transistor
logo
GUANGDONG HOTTECH INDUS...
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC4115 BILIN-2SC4115 Datasheet
630Kb / 4P
NPN Epitaxial Planar Silicon Transistor
Rev.A
logo
Foshan Blue Rocket Elec...
2SC4115 FOSHAN-2SC4115 Datasheet
980Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
More results

Similar Description - 2SC4115

ManufacturerPart #DatasheetDescription
logo
Rohm
UML1N ROHM-UML1N Datasheet
25Kb / 1P
Low-frequency transistor
logo
Guangdong Kexin Industr...
2SD2150 KEXIN-2SD2150 Datasheet
35Kb / 1P
Low Frequency Transistor
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
Leshan Radio Company
L2SA2030M3T5G LRC-L2SA2030M3T5G Datasheet
107Kb / 3P
Low frequency transistor
logo
Rohm
2SA2018 ROHM-2SA2018_1 Datasheet
145Kb / 3P
Low frequency transistor
logo
WILLAS ELECTRONIC CORP
2SB1197KXLT1 WILLAS-2SB1197KXLT1 Datasheet
316Kb / 3P
Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
LOW FREQUENCY TRANSISTOR
2SC5585 BILIN-2SC5585 Datasheet
166Kb / 4P
LOW FREQUENCY TRANSISTOR
2SA2018 BILIN-2SA2018_17 Datasheet
155Kb / 4P
LOW FREQUENCY TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
2SB1197 YFWDIODE-2SB1197 Datasheet
325Kb / 2P
Low Frequency Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com