Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ302 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ302
Description  Mos Field Effect Power Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ302 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ302 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
www.kexin.com.cn
Mos Field Effect Power Transistor
2SJ302
1.27+0.1
-0.1
1.27+0.1
-0.1
5.08+0.1
-0.1
0.1max
2.54+0.2
-0.2
2.54
4.57+0.2
-0.2
0.4+0.2
-0.2
0.81+0.1
-0.1
TO-263
Unit: mm
Features
Low on-state resistance
RDS(on)
0.1
(VGS=-10V,ID=-8A)
RDS(on)
0.24
(VGS=-4V,ID=-6A)
Low Ciss Ciss=1200PF TYP.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Draintosourcevoltage
VDSS
-60
V
Gate to source voltage
VGSS
-20,+10
V
Drain current (DC)
ID
16
A
Drain current(pulse) *
ID
64
A
Power dissipation
PD
75
W
Channel temperature
Tch
150
Storage temperature
Tstg
-55 to +150
*PW
10
s; d
1%.
1Gate
2Drain
3 Source
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=-60V,VGS=0
-10
A
Gate leakage current
IGSS
VGS=
16V,VDS=0
10
A
Gate cut-off voltage
VGS(off)
VDS=-10V,ID=-1mA
-1.0
-2.0
V
Forward transfer admittance
Yfs
VDS=-10V,ID=-8A
5.0
s
VGS=-10V,ID=-8A
75
100
m
VGS=-4V,ID=-6A
130
240
m
Input capacitance
Ciss
1200
pF
Output capacitance
Coss
670
pF
Reverse transfer capacitance
Crss
290
pF
Turn-on delay time
td(on)
30
ns
Rise time
tr
170
ns
Turn-off delay time
td(off)
150
ns
Fall time
tf
130
ns
Total Gate Charge
QG
VGS=-10V,ID=-8A
42
nc
Gate to Source Charge
QGS
ID=-16V
3
nc
Gate to Drain Charge
QGD
VDD=-48V
17
nc
Reverse Recovery Time
trr
110
ns
Reverse Recvery Charge
Qrr
220
nc
Diode Forward Voltage
VSD
IF=-16A,VGS=0
1
V
IF=-16A,VGS=0,di/dt=50A/
s
VDS=-10V,VGS=0,f=1MHZ
VGS(on)=-10V,VDD=-30V,ID=--8A
RL=3.75
,RG=10
Drain to source on-state resistance
RDS(on)


Similar Part No. - 2SJ302

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
VBsemi Electronics Co.,...
2SJ302 VBSEMI-2SJ302 Datasheet
954Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ302 RENESAS-2SJ302 Datasheet
656Kb / 10P
MOS FIELD EFFECT POWER TRANSISTOR
1993
logo
Guangdong Kexin Industr...
2SJ302-ZJ KEXIN-2SJ302-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
2SJ3021-3 KEXIN-2SJ3021-3 Datasheet
154Kb / 4P
P-Channel Enhancement MOSFET
More results

Similar Description - 2SJ302

ManufacturerPart #DatasheetDescription
logo
NEC
2SK611 NEC-2SK611 Datasheet
290Kb / 4P
MOS FIELD EFFECT POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SK1284 KEXIN-2SK1284 Datasheet
49Kb / 1P
MOS Field Effect Power Transistor
2SK1954 KEXIN-2SK1954 Datasheet
46Kb / 1P
MOS Field Effect Power Transistor
2SK2133 KEXIN-2SK2133 Datasheet
46Kb / 1P
MOS Field Effect Power Transistor
logo
Renesas Technology Corp
2SJ133 RENESAS-2SJ133 Datasheet
372Kb / 8P
MOS FIELD EFFECT POWER TRANSISTOR
2002
2SK1286 RENESAS-2SK1286 Datasheet
496Kb / 10P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1760 RENESAS-2SK1760 Datasheet
499Kb / 9P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1852 RENESAS-2SK1852 Datasheet
490Kb / 8P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1953 RENESAS-2SK1953 Datasheet
539Kb / 11P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK2234 RENESAS-2SK2234 Datasheet
574Kb / 11P
MOS FIELD EFFECT POWER TRANSISTOR
1993
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com