Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3572 Datasheet(PDF) 7 Page - Linear Technology

Part # 3572
Description  Dual Full-Bridge Piezo Driver with 900mA Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3572 Datasheet(HTML) 7 Page - Linear Technology

Back Button 3572 Datasheet HTML 3Page - Linear Technology 3572 Datasheet HTML 4Page - Linear Technology 3572 Datasheet HTML 5Page - Linear Technology 3572 Datasheet HTML 6Page - Linear Technology 3572 Datasheet HTML 7Page - Linear Technology 3572 Datasheet HTML 8Page - Linear Technology 3572 Datasheet HTML 9Page - Linear Technology 3572 Datasheet HTML 10Page - Linear Technology 3572 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT3572
7
3572fa
OPERATION
Switching Regulator
The LT3572 uses a constant frequency, current mode,
control scheme to provide excellent line and load regulation
for the output drivers. Operation can be best understood
by referring to the Block Diagram in Figure 1. A pulse
from the oscillator sets the RS flip-flop, A4, and turns on
the internal NPN bipolar power switch, Q1. Current in Q1
and the external inductor, L1, begins to increase. When
this current exceeds a level determined by the voltage at
the output of the error amplifier A1, comparator A2 resets
A4, turning Q1 off. The current in L1 flows through the
external Schottky diode D1 and begins to decrease. The
cycle begins again at the next pulse from the oscillator.
In this way, the voltage at the output of the error amplifier
controls the current through the indictor to the output. The
soft-start capacitor, C2, clamps the output of the error
amplifier causing the current limit to slowly increase. This
helps reduce overshoot on the output and helps minimize
inrush current on the input.
Output Drivers
The function of the driver section is to level shift the
input of the PWM pins to the voltage of the VOUT pin. The
drivers operate in an H-bridge fashion, where the OUTA
and OUTB pins are the same polarity as the PWMA and
PWMB pins respectively and the OUTA and OUTB are
inverted from PWMA and PWMB respectively. The OUT
pins will be high impedance until the FB pin is within
95% of its regulated voltage. The OUT pins will follow
PWMA and PWMB as long as FB stays within 85% of the
regulated voltage. If FB drops below 85%, the OUT pins
will go high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com