Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3572 Datasheet(PDF) 1 Page - Linear Technology

Part # 3572
Description  Dual Full-Bridge Piezo Driver with 900mA Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3572 Datasheet(HTML) 1 Page - Linear Technology

  3572 Datasheet HTML 1Page - Linear Technology 3572 Datasheet HTML 2Page - Linear Technology 3572 Datasheet HTML 3Page - Linear Technology 3572 Datasheet HTML 4Page - Linear Technology 3572 Datasheet HTML 5Page - Linear Technology 3572 Datasheet HTML 6Page - Linear Technology 3572 Datasheet HTML 7Page - Linear Technology 3572 Datasheet HTML 8Page - Linear Technology 3572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT3572
1
3572fa
FEATURES
APPLICATIONS
DESCRIPTION
Dual Full-Bridge Piezo Driver
with 900mA Boost Converter
The LT®3572 is a highly integrated dual Piezo motor driver
capable of driving two Piezo motors at up to 40V from a
5V supply. Each Piezo driver can be independently turned
on or off along with the boost converter.
The boost regulator has a soft-start capability that limits the
inrush current at start-up. The boost regulator switching
frequency is set by an external resistor or the frequency can
besynchronizedbyanexternalclock.APGOODpinindicates
when the output of the boost converter is in regulation and
the Piezo drivers are allowed to start switching.
The LT3572 is available in a (4mm
× 4mm) 20-pin QFN
package.
Dual Piezo Driver
■
2.7V to 10V Input Voltage Range
■
900mA Boost Converter
■
Dual Full-Bridge Piezo Drivers
■
Programmable Switching Frequency from
500kHz to 2.25MHz
■
Synchronizable Up to 2.5MHz
■
Soft-Start
■
Separate Enable for Each Piezo Driver and Boost
Converter
■
Available in a 4mm
× 4mm 20-Pin QFN Package
■
Piezo Motor Drive
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
SHDN
SHDNA
SHDNB
PWMA
PWMB
SYNC
PGOOD
RT
SS
VIN
VIN
3V TO 5V
SW
10μH
GND
LT3572
10nF
4.7μF
15pF
10μF
VOUT
30V
50mA
100k
576k
24.3k
3572 TA01a
FB
OUTA
OUTA
OUTB
OUTB
42.2k
VOUT
Response Driving Piezo Motor at 70kHz
VOUTA
20V/DIV
VOUTA
20V/DIV
PWMA
2V/DIV
2μs/DIV
3572 TA01b
TYPICAL APPLICATION


Similar Part No. - 3572

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3572 ETC2-3572 Datasheet
1Mb / 16P
Drywall Punch
logo
Keystone Electronics Co...
3572 KEYSTONE-3572 Datasheet
694Kb / 1P
FEMALE PC QUICK-FIT TERMINALS
31-07 20th
logo
3M Electronics
3572-1000 3M-3572-1000 Datasheet
488Kb / 4P
3M D Ribbon Wiremount Plug
09-Mar-2005
3572-1000 3M-3572-1000 Datasheet
235Kb / 4P
3M™ D Ribbon Wiremount Plug
09-Jan-2007
3572-1000 3M-3572-1000_07 Datasheet
235Kb / 4P
3M™ D Ribbon Wiremount Plug
09-Jan-2007
More results

Similar Description - 3572

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3469 LINER-LT3469 Datasheet
164Kb / 8P
Piezo Microactuator Driver with Boost Regulator
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
DRV8662 TI1-DRV8662_12 Datasheet
367Kb / 4P
Piezo Haptic Driver with Integrated Boost Converter
logo
New Japan Radio
NJW4813 NJRC-NJW4813 Datasheet
185Kb / 14P
Dual Half Bridge Driver with Boost Converter
logo
Linear Technology
LT3469 LINER-LT3469_15 Datasheet
167Kb / 8P
Piezo Microactuator Driver with Boost Regulator
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Texas Instruments
DRV2700 TI-DRV2700_15 Datasheet
1Mb / 37P
DRV2700 Industrial Piezo Driver With Integrated Boost Converter
logo
New Japan Radio
NJW4814 NJRC-NJW4814 Datasheet
389Kb / 16P
Dual H-Bridge Driver with Boost Converter
logo
Lowpower Semiconductor ...
LP1115 POWER-LP1115 Datasheet
537Kb / 10P
Full Bridge Gate Driver with Boost Convertor
logo
Diodes Incorporated
PAM8907 DIODES-PAM8907 Datasheet
695Kb / 10P
31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com