Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCVT Datasheet(PDF) 15 Page - Linear Technology

Part # LCVT
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCVT Datasheet(HTML) 15 Page - Linear Technology

Back Button LCVT Datasheet HTML 11Page - Linear Technology LCVT Datasheet HTML 12Page - Linear Technology LCVT Datasheet HTML 13Page - Linear Technology LCVT Datasheet HTML 14Page - Linear Technology LCVT Datasheet HTML 15Page - Linear Technology LCVT Datasheet HTML 16Page - Linear Technology LCVT Datasheet HTML 17Page - Linear Technology LCVT Datasheet HTML 18Page - Linear Technology LCVT Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT3684
15
3684f
proper start-up, the minimum input voltage is also limited
by the boost circuit. If the input voltage is ramped slowly,
or the LT3684 is turned on with its RUN/SS pin when the
output is already in regulation, then the boost capacitor
may not be fully charged. Because the boost capacitor is
charged with the energy stored in the inductor, the circuit
will rely on some minimum load current to get the boost
circuit running properly. This minimum load will depend
on input and output voltages, and on the arrangement of
the boost circuit. The minimum load generally goes to
zero once the circuit has started. Figure 5 shows a plot
of minimum load to start and to run as a function of input
voltage. In many cases the discharged output capacitor
will present a load to the switcher and the minimum input
to start will be the same as the minimum input to run.
This occurs, for example, if RUN/SS is asserted after VIN
is applied. The plots show the worst-case situation where
VIN is ramping very slowly. For lower start-up voltage, the
boost diode can be tied to VIN; however, this restricts the
input range to one-half of the absolute maximum rating
of the BOOST pin.
At light loads, the inductor current becomes discontinu-
ous and the effective duty cycle can be very high. This
reduces the minimum input voltage to approximately
300mV above VOUT. At higher load currents, the inductor
current is continuous and the duty cycle is limited by the
maximum duty cycle of the LT3684, requiring a higher
input voltage to maintain regulation.
Figure 4. Three Circuits For Generating The Boost Voltage
Figure 5. The Minimum Input Voltage Depends on
Output Voltage, Load Current and Boost Circuit
APPLICATIONS INFORMATION
VIN
BOOST
SW
BD
VIN
VOUT
4.7
µF
C3
GND
LT3684
VIN
BOOST
SW
BD
VIN
VOUT
4.7
µF
C3
D2
GND
LT3684
VIN
BOOST
SW
BD
VIN
VOUT
4.7
µF
C3
GND
LT3684
3684 FO4
(4a) For VOUT > 2.8V
(4b) For 2.5V < VOUT < 2.8V
(4c) For VOUT < 2.5V
3684 F05
LOAD CURRENT (A)
0.001
4.0
4.5
5.0
10
3.5
3.0
2.0
0.01
0.1
1
2.5
6.0
5.5
TO START
TO RUN
VOUT = 3.3V
TA = 25°C
L = 4.7
µH
f = 800kHz
LOAD CURRENT (A)
0.001
5.0
6.0
7.0
10
4.0
2.0
0.01
0.1
1
3.0
8.0
TO START
TO RUN
VOUT = 5V
TA = 25°C
L = 4.7
µH
f = 800kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com