Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCVT Datasheet(PDF) 16 Page - Linear Technology

Part # LCVT
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCVT Datasheet(HTML) 16 Page - Linear Technology

Back Button LCVT Datasheet HTML 12Page - Linear Technology LCVT Datasheet HTML 13Page - Linear Technology LCVT Datasheet HTML 14Page - Linear Technology LCVT Datasheet HTML 15Page - Linear Technology LCVT Datasheet HTML 16Page - Linear Technology LCVT Datasheet HTML 17Page - Linear Technology LCVT Datasheet HTML 18Page - Linear Technology LCVT Datasheet HTML 19Page - Linear Technology LCVT Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT3684
16
3684f
Soft-Start
The RUN/SS pin can be used to soft-start the LT3684,
reducing the maximum input current during start-up.
The RUN/SS pin is driven through an external RC filter to
create a voltage ramp at this pin. Figure 7 shows the start-
up and shut-down waveforms with the soft-start circuit.
By choosing a large RC time constant, the peak start-up
current can be reduced to the current that is required to
regulate the output, with no overshoot. Choose the value
of the resistor so that it can supply 20µA when the RUN/SS
pin reaches 2.3V.
LT3684 can pull large currents from the output through
the SW pin and the VIN pin. Figure 7 shows a circuit that
will run only when the input voltage is present and that
protects against a shorted or reversed input.
PCB Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board layout. Figure 8 shows
the recommended component placement with trace,
ground plane and via locations. Note that large, switched
currents flow in the LT3684’s VIN and SW pins, the catch
diode (D1) and the input capacitor (C1). The loop formed
by these components should be as small as possible. These
components, along with the inductor and output capacitor,
should be placed on the same side of the circuit board,
and their connections should be made on that layer. Place
a local, unbroken ground plane below these components.
The SW and BOOST nodes should be as small as possible.
Finally, keep the FB and VC nodes small so that the ground
traces will shield them from the SW and BOOST nodes.
The Exposed Pad on the bottom of the package must be
soldered to ground so that the pad acts as a heat sink. To
keep thermal resistance low, extend the ground plane as
much as possible, and add thermal vias under and near
the LT3684 to additional ground planes within the circuit
board and on the bottom side.
Figure 6. To Soft-Start the LT3684, Add a Resisitor
and Capacitor to the RUN/SS Pin
APPLICATIONS INFORMATION
3481 F06
IL
1A/DIV
VRUN/SS
2V/DIV
VOUT
2V/DIV
RUN/SS
GND
0.22
µF
RUN
15k
2ms/DIV
Shorted and Reversed Input Protection
If the inductor is chosen so that it won’t saturate exces-
sively, an LT3684 buck regulator will tolerate a shorted
output. There is another situation to consider in systems
where the output will be held high when the input to the
LT3684 is absent. This may occur in battery charging ap-
plications or in battery backup systems where a battery
or some other supply is diode OR-ed with the LT3684’s
output. If the VIN pin is allowed to float and the RUN/SS
pin is held high (either by a logic signal or because it is
tied to VIN), then the LT3684’s internal circuitry will pull
its quiescent current through its SW pin. This is fine if
your system can tolerate a few mA in this state. If you
ground the RUN/SS pin, the SW pin current will drop to
essentially zero. However, if the VIN pin is grounded while
the output is held high, then parasitic diodes inside the
Figure 7. Diode D4 Prevents a Shorted Input from
Discharging a Backup Battery Tied to the Output. It Also
Protects the Circuit from a Reversed Input. The LT3684
Runs Only When the Input is Present
VIN
BOOST
GND FB
RUN/SS
VC
SW
D4
MBRS140
VIN
LT3684
3684 F07
VOUT
BACKUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com