Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-ACT-6809-NET Datasheet(PDF) 3 Page - Actel Corporation

Part # MC-ACT-6809-NET
Description  SoftwareCompatible6809CPU
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-6809-NET Datasheet(HTML) 3 Page - Actel Corporation

  MC-ACT-6809-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 7Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Software Compatible 6809 CPU
Memec Design
February 25, 2003
3
Optimized for
Functional Description
Structure of 6809
The block diagram below shows the index arithmetic unit, the data ALU, command sequencer, memory fetch unit
and program counter.
Figure 2: Block Diagram
The memory interface contains registered read and write data and address registers, which makes the design of the
interface easier for timing verification etc.
Internal Registers
The following part describes the existing registers in the MC-ACT-6809:
Index Registers (X,Y)
The index registers are used in indexed mode of addressing and are used for calculating the effective addresses.
During some indexed modes, the contents of the index register are incremented or decremented to point to the next
item of tabular type data. All 4 pointer register (U, S, X, Y) can be used as index register.
Stack Pointer Registers (U,S)
The system stack pointer S is automatically used by the processor during subroutine calls and interrupts! The user
stack pointer is controlled by the programmer. Both stack pointers point to the top of the stack.
Program Counter Register
The program counter (PC) points to the address of the next instruction to be executed.
Accumulators (A,B,D)
The A and B accumulators are general purpose registers. Some instructions concatenate the registers A and B to
achieve 16 bit values. This register is then referred as the D register with the A register as most significant byte.
PC
S
U
X
Y
D = A : B
A
B
CC
DP
Index ALU
Data ALU
Command
Sequencer
Memory
Fetch Unit
Address Register
Write Data Register
Read Data Register



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com