Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-ACT-6809-NET Datasheet(PDF) 4 Page - Actel Corporation

Part # MC-ACT-6809-NET
Description  SoftwareCompatible6809CPU
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-6809-NET Datasheet(HTML) 4 Page - Actel Corporation

  MC-ACT-6809-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-6809-NET Datasheet HTML 7Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Software Compatible 6809 CPU
Memec Design
February 25, 2003
4
Optimized for
Condition Code (CC) Register
Beginning with bit(0) the condition code register contains following flags:
C:
Carry from ALU
V:
Overflow (2 complement) from ALU
Z:
Zero from ALU
N:
Negative (2 complement) from ALU
I:
Interrupt mask register for irq_n
H:
Half Carry (low nibble) from ALU
F:
Interrupt mask for firq_n
E:
Entire Flag for irq_n/firq_n stack operations
Direct Page (DP) Register
These registers enhance the direct addressing mode. During direct addressing instruction execution, the contents of
DP appears at the higher address outputs (A15- A8).
Instructions
The MC-ACT-6809 supports all 6809 instructions like load, store, and, or, add, sub, transfer/exchange instructions
for all registers, 8 by 8 unsigned multiply, decimal adjust and signed/unsigned conditional branches. A powerful
stack command is also available. Software interrupts are supported.
Addressing Modes
Nearly all instructions can be combined with the following addressing modes:
Inherent:
Register source and destination, no post bytes, e.g. INCA
Immediate:
Postbyte is parameter, e.g. LDA #100
Extended:
Postbytes are address, e.g. LDA 1000
Direct:
Postbyte is low address, DP is high address, e.g. LDA <50
Indexed:
Postbyte(s) define indexed mode:
- (Index registers are X,Y,U,S)
- Post incr. by 1 and 2, e.g. LDA ,S++
- Pre decr. by 1 and 2, e.g. LDA ,-X
- Zero offset, e.g. LDA 0,X
- signed offset, e.g. LDA -7,Y
- A/B/D signed offset, e.g. LDB A,U
- 8/16bit signed offset PC relative, e.g. LDA 665,PCR
Indexed indirect: The same types as indexed may be used. The indirect mode uses the argument of the index mode
as address for an indirect access.
Illegal Instructions
To insure save operation, illegal opcodes are recognized and will lead to an exception, where a vector is fetched to
enter the exception handler routine. For this purpose, the reserved vector of the 6809 is used. The address of the
illegal instruction is pushed on the S stack.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com