Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1050CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1050CS8
Description  Precision Zero-Drift Operational Amplifier with Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1050CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1050CS8 Datasheet HTML 4Page - Linear Technology LTC1050CS8 Datasheet HTML 5Page - Linear Technology LTC1050CS8 Datasheet HTML 6Page - Linear Technology LTC1050CS8 Datasheet HTML 7Page - Linear Technology LTC1050CS8 Datasheet HTML 8Page - Linear Technology LTC1050CS8 Datasheet HTML 9Page - Linear Technology LTC1050CS8 Datasheet HTML 10Page - Linear Technology LTC1050CS8 Datasheet HTML 11Page - Linear Technology LTC1050CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1050
1050fb
S
APPLICATI
IFOR ATIO
When an external clock is used, it is directly applied to
Pin 5. The internal oscillator signal on Pin 5 has very low
drive capability and can be overdriven by any external
signal. When the LTC1050 operates on ±5V power sup-
plies, the external clock level is TTL compatible.
Using an external clock can affect performance of the
LTC1050. Effects of external clock frequency on input
offset voltage and input noise voltage are shown in the
Typical Performance Characteristics section. The sam-
pling frequency is the external clock frequency divided
by 4. Input bias currents at temperatures below 100°C
are dominated by the charge injection of input switches
and they are basically proportional to the sampling
frequency. At higher temperatures, input bias currents
are mainly due to leakage currents of the input protection
devices and are insensitive to the sampling frequency.
LOW SUPPLY OPERATION
The minimum supply for proper operation of the LTC1050
is typically below 4V (±2V). In single supply applications,
PSRR is guaranteed down to 4.7V (±2.35V) to ensure
proper operation down to the minimum TTL specified
voltage of 4.75V.
PIN COMPATIBILITY
The LTC1050 is pin compatible with the 8-pin versions of
7650, 7652 and other chopper-stabilized amplifiers. The
7650 and 7652 require the use of two external capacitors
connected to Pin 1 and Pin 8 that are not needed for the
LTC1050. Pin 1 and Pin 8 of the LTC1050 are not con-
nected internally while Pin 5 is an optional external clock
input pin. The LTC1050 can be a direct plug-in for the 7650
and 7652 even if the two capacitors are left on the circuit
board.
In applications operating from below 16V total power
supply, (±8V), the LTC1050 can replace many industry
standard operational amplifiers such as the 741, LM101,
LM108, OP07, etc. For devices like the 741 and LM101,
the removal of any connection to Pin 5 is all that is
needed.
S
APPLICATI
TYPICAL
–
+
LTC1050
–5V
5V
–
+
LTC1050
7
5V
5V
2.5V
–5V
2
3
4
6
1N4148
2N2907
–5V
10k
ZERO
R2
0.1%
OUTPUT
± 2.5V
R1
0.1%
GAIN
TRIM
7
4
6
*
C**
1050 TA03
3
2
2k
301k
RN60C
120Ω
51Ω
2W
*
**
OPTIONAL REFERENCE OUT TO MONITORING
10-BIT A/D CONVERTER
AT GAIN = 1000, 10Hz PEAK-TO-PEAK NOISE
IS < 0.5LSB FOR 10-BIT RESOLUTION
LT1009
350Ω
BRIDGE
Strain Gauge Signal Conditioner with Bridge Excitation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com