Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1050CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1050CS8
Description  Precision Zero-Drift Operational Amplifier with Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1050CS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1050CS8 Datasheet HTML 1Page - Linear Technology LTC1050CS8 Datasheet HTML 2Page - Linear Technology LTC1050CS8 Datasheet HTML 3Page - Linear Technology LTC1050CS8 Datasheet HTML 4Page - Linear Technology LTC1050CS8 Datasheet HTML 5Page - Linear Technology LTC1050CS8 Datasheet HTML 6Page - Linear Technology LTC1050CS8 Datasheet HTML 7Page - Linear Technology LTC1050CS8 Datasheet HTML 8Page - Linear Technology LTC1050CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1050
1050fb
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Gain/Phase vs Frequency
FREQUENCY (Hz)
0
20
60
100
120
100
10k
100k
10M
1050 G10
–20
1k
1M
80
40
–40
180
160
120
80
60
200
100
140
220
PHASE
GAIN
VS = ± 5V
TA = 25°C
CL = 100pF
RL ≥ 1k
Small-Signal Transient Response
Large-Signal Transient Response
LTC1050 DC to 1Hz Noise
0.5µV
10 SEC
1050 G13
LTC1050 DC to 10Hz Noise
1µV
1 SEC
1050 G14
100mV
STEP
AV = 1
RL = 10k
CL = 100pF
VS = ±5V
1050 G11
2V
AV = 1
RL = 10k
CL = 100pF
VS = ±5V
1050 G12
VOUT
VIN = 6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com