Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1052CS Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1052CS
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1052CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1052CS Datasheet HTML 10Page - Linear Technology LTC1052CS Datasheet HTML 11Page - Linear Technology LTC1052CS Datasheet HTML 12Page - Linear Technology LTC1052CS Datasheet HTML 13Page - Linear Technology LTC1052CS Datasheet HTML 14Page - Linear Technology LTC1052CS Datasheet HTML 15Page - Linear Technology LTC1052CS Datasheet HTML 16Page - Linear Technology LTC1052CS Datasheet HTML 17Page - Linear Technology LTC1052CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC1052/LTC7652
14
1052fa
No VOS Adjust* CMOS DAC Buffer—Single Supply
Air Flow Detector
TYPICAL APPLICATIO S
1Hz to 30MHz Voltage-to-Frequency Converter
5V = NO AIR FLOW
0V = AIR FLOW
5
7
2
8
4
5V
1
3
0.1µF
240Ω
10k
AIR FLOW
43.2Ω
± 1%
LTC1052/7652 • TA08
6
TYPE K
0.1µF
–
+
–
+
AMBIENT
TEMPERATURE
STILL AIR
1k
100k
± 1%
LT1004-1.2
+
–
LTC1052
*OFFSET VOLTAGE CAUSES
NONLINEARITY ERRORS.
SEE: “APPLICATION GUIDE
TO CMOS MULTIPLYING D/A
CONVERTERS,”
ANALOG DEVICES, INC.
10k
15V
LTC1043
12
+
–
LTC1052
6
7
2
8
4
1
3
0.1µF
0.1µF
11
43k
4
≈ – 0.5V
1µF
NON POLARIZED
1N914
1/2
17
VOUT
1pF
15
5
1k
12–BIT CMOS DAC
CF*
lOUT1
RFB
lOUT2
15V
15V
0.1µF
6
5
15
16
FOR HIGHER SPEED, REFER TO
“FAST PRECISION INVERTER”
UNDER TYPICAL APPLICATIONS
LTC1052/7652 • TA07
+
0.22µF
5V
TRIGGER
HP5082-2810
1Hz TO 30MHz
OUTPUT
LT1004–1.2V
11
5
14
3
7
1
5V
10
7490
74S74
1/2
5V
12
14
5
0.3Hz/°C ZERO-DRIFT
±0.08% LINEARITY
20ppm/°C GAIN DRIFT
150dB DYNAMIC RANGE
*TRW MTR-5/ + 120ppm/°C
†WESCO #32-P/ – 120ppm/°C
10k
7
2
8
4
5V
1
3
–5V
10k
1000M
1Hz TRIM
CHARGE
PUMP
LTC1052/7652 • TA09
6
0.22µF
0.1µF
1/2 LTC1043
2k
30MHz
TRIM
IN
OV TO 3V
–5V
100k
STABILIZING
AMP
16.2k*
12
11
100pF †
14
10
16
0.1µF
0.0.1µF
OUT
+
–
LTC1052
CURRENT
SOURCE
12k
120Ω
5V
7.5k
2N3906
120Ω
0.1µF
FET BUFFER
2N5486
100pF
50Ω
RESET DIODE
2N3904
50Ω
NC
5V
–5V
2k
74S132
100k
13
7
1
2N5486
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com