Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1052CS Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1052CS
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1052CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1052CS Datasheet HTML 13Page - Linear Technology LTC1052CS Datasheet HTML 14Page - Linear Technology LTC1052CS Datasheet HTML 15Page - Linear Technology LTC1052CS Datasheet HTML 16Page - Linear Technology LTC1052CS Datasheet HTML 17Page - Linear Technology LTC1052CS Datasheet HTML 18Page - Linear Technology LTC1052CS Datasheet HTML 19Page - Linear Technology LTC1052CS Datasheet HTML 20Page - Linear Technology LTC1052CS Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC1052/LTC7652
17
1052fa
TYPICAL APPLICATIO S
Direct Thermocouple-to-Frequency Converter
Direct 10-Bit Strain Gauge Digitizer
LT1004–1.2V
0.01% FILM-TRW MAR-6
TRW/MTR/5/ + 120
RT = YELLOW SPRINGS INST. #44007
100pF = POLYSTYRENE
FOR GENERAL PURPOSE (1mV FULL-SCALE)
10-BIT A-TO-D, REMOVE THERMOCOUPLE—
COLD JUNCTION NETWORK, GROUND POINT A,
AND DRIVE LTC1052 POSITIVE INPUT
*
**
†
5V
LTC1052/7652 • TA16
0.1µF
OUTPUT
0Hz TO 600Hz
0°C TO 60°C
3k
F
5V
74C04
1µF
+
2
6
16
–5V
5V
74C903
–
1N4148
RT
5V
820pF
E
D
C
10k
B
A
74C04
0.68µF
3300pF
–5V
470Ω
6
8
4
1
7
3
0.1µF
33k
1.8k*
2
1k*
100pF
LTC1043
A†
4.75k*
0.1µF
33k**
COLD JUNCTION TEMPERATURE TRACKING
150k**
STABILIZING AMP
TYPE K
THERMOCOUPLE 41.4µV/°C
100k
1N914
1µF
50k
60°C TRIM
OPTIONAL INPUT
FILTER-AND-OVERLOAD
CLAMP
+
–
LTC1052
5
187Ω*
487Ω*
301k*
COLD JUNCTION BIAS
–5V
LTC1052/7652 • TA17
SW2
1/2
LTC1043
11
CONNECT TO BRIDGE
END OF 470k RESISTOR
33µF
22.3k*
3.3M
BRIDGE DRIVE
1k*
1N4148
SW1
–5V
12
1N4148
8
13
7
14
5
10k
2
7
3
4
6
–5V
*0.1% METAL FILM TRW MAR-5
FREQUENCY
OUT A
FREQUENCY
OUT B
CONNECT DIRECTLY
ACROSS BRIDGE
DRIVE POINTS
(OPTIONAL)
TRANSDUCER ZERO NETWORK
10k
100k
SW1 = MAIN CURRENT SWITCH
SW2 = CURRENT LOADING COMPENSATION SWITCH
–5V
+
–
LM301A
20Ω
5V
1k
6
8
4
7
2
3
1
14k
5V
CLOCK
20Ω
74C00
28k
STRAIN GAUGE
TRANSDUCER
ZIN = 350Ω
ZOUT = 350Ω
1000pF
–5V
5V
3
1000pF
470k*
0.003µF
2
+
–
LTC1052
–5V
8
1
3.3MΩ*
6
0.01µF
7
OUTPUT
GATING
5V
5V
5V
5V
0.01µF
4
1
14
1/2 74C903
1/2 74C74
INTEGRATOR
DATA OUTPUT =
OUT A
OUT B
= 1000 COUNTS FULL-SCALE
2N2905
16
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com