Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-ACT-UL2LINK-NET Datasheet(PDF) 1 Page - Actel Corporation

Part # MC-ACT-UL2LINK-NET
Description  Function compatible with ATM Forum af-phy-0017.000 & af-phy-0039.000
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-UL2LINK-NET Datasheet(HTML) 1 Page - Actel Corporation

  MC-ACT-UL2LINK-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 7Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TX
Master
RX
Master
TX FIFO
tex
t
RX FIFO
ing_perr
increment
a_full
wr_clk
wr_enb
wr_data
empty
flag
decrement
rd_enb
rd_data
egr_data
egr_addr
egr_soc
egr_enb_n
egr_clav
egr_prty
egr_clk
ing_data
ing_addr
ing_soc
ing_enb_n
ing_clav
ing_prty
ing_clk
wr_data
wr_enb
a_full
increment
soc
flag
decrement
rd_data
rd_clk
rd_enb
AvnetCore: Datasheet
UTOPIA Level 2 Link
Intended Use:
— ATM Cell Processors
— ATM Switch Fabrics
Features:
— Function compatible with ATM Forum af-phy-0017.000 &
af-phy-0039.000
— Asynchronous/synchronous FIFO using RAM
— Up to 31 PHYs supported
— 8/16 bit interfaces supported
— 52/54 byte cells supported
— Simple system side FIFO interface
— Simple system side FIFO interface
Targeted Devices:
— Axcelerator Family
Core Deliverables:
— Netlist Version
> Netlist compatible with the Actel Designer place and route tool
> Compiled RTL simulation model, compliant with the Actel
Libero® environment
— RTL Version
> VHDL Source Code
— All
> User Guide
> Test Bench
Synthesis and Simulation Support:
— Synthesis: Synplicity
— Simulation: ModelSim
— Other tools supported upon request
Verification:
— Test Bench
— Test Vectors
UTOPIA (Universal Test and Operations PHY Interface for ATM) Level 2 defines the
interface between the ATM or LINK layer and a Physical Layer (PHY) device. The
UTOPIA level 2 standard defines a full duplex interface with a Master/Slave format. The
Slave or LINK layer device responds to the requests from the PHY or Master device.
The Master performs PHY arbitration and initiates data transfers to and from the Slave.
The ATM forum has defined the UTOPIA Level 2 as either 8 or 16 bits in width, at up to
50MHz, supporting an OC12 channel at 622Mbps.
Version 1.0, July 2006
Block Diagram


Similar Part No. - MC-ACT-UL2LINK-NET

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
MC-ACT-UL2PHY ACTEL-MC-ACT-UL2PHY Datasheet
231Kb / 4P
ATM cell processors ATM switch fabrics
More results

Similar Description - MC-ACT-UL2LINK-NET

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7375 PMC-PM7375 Datasheet
119Kb / 4P
ATM SAR and PHY Processor for PCI Bus
logo
Integrated Device Techn...
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
logo
PMC-Sierra, Inc
PM7342 PMC-PM7342 Datasheet
65Kb / 2P
32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
logo
Maxim Integrated Produc...
DS26101 MAXIM-DS26101 Datasheet
560Kb / 62P
8-Port TDM-to-ATM PHY
REV: 032503
DS26102 MAXIM-DS26102 Datasheet
607Kb / 64P
16-Port TDM-to-ATM PHY
REV: 021403
logo
TALEMA Group. LLC
UTM-3000-J TALEMA-UTM-3000-J Datasheet
82Kb / 1P
ATM 25MBPS Pulse Transformer for Novacom & SEEQ PHY Interface
logo
Actel Corporation
MC-ACT-UL3LINK-NET ACTEL-MC-ACT-UL3LINK-NET Datasheet
270Kb / 5P
Function compatible with ATM Forum Asynchronous/synchronous FIFO using RAM
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
ATM SAR and PHY Processor for PCI Bus
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59F1Z AVAGO-AFBR-59F1Z Datasheet
367Kb / 8P
Electrically compatible with 100BaseFX PHY ICs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com