Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-ACT-UL2LINK-NET Datasheet(PDF) 4 Page - Actel Corporation

Part # MC-ACT-UL2LINK-NET
Description  Function compatible with ATM Forum af-phy-0017.000 & af-phy-0039.000
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-UL2LINK-NET Datasheet(HTML) 4 Page - Actel Corporation

  MC-ACT-UL2LINK-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-UL2LINK-NET Datasheet HTML 7Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 1: Logic Symbol
Device Requirements
MC-ACT-UL2LINK (UTOPIA Level 2 LINK Interface)
Device
Speed
Ingress / Egress
C cells
R cells
Tiles
RAM's
A3P250
88 / 88 MHz
-
-
1833 (30%)
4
APA075
77 / 62 MHz
-
-
2163 (70%)
8
AX125
108 / 98 MHz
812 (60%)
640 (95%)
-
4
Table 1: Device Utilization and Performance*
*Note: These numbers obtained with 1 channel and 16-bit data size.
Verification and Compliance
The testbench is self-checking, which means that if there is an error detected in the start word, end word, or payload the testbench will assert one or both of two error
signals. This core has also been used successfully in customer designs.
MDS8076
rd_data
rd_enb
rd_clk
flag
decrement
wr_data
wr_enb
wr_clk
a_full
increment
egr_data
egr_addr
egr_soc
egr_enb_n
egr_clav
egr_prty
egr_clk
ing_perr
TX FIFO
TX Master
RX Master
RX FIFO
ing_data
ing_addr
ing_soc
ing_enb_n
ing_clav
ing_prty
ing_clk



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com