Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUV27F Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUV27F
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUV27F Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUV27F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUV27F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BUV27F/AF
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BUV27F
120
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BUV27AF
IC= 0.2A ;IB= 0; L= 25mH
B
150
V
BUV27F
IC= 8A; IB= 0.8A
B
1.5
VCE(sat)
Collector-Emitter
Saturation Voltage
BUV27AF
IC= 7A; IB= 0.7A
B
1.0
V
BUV27F
IC= 8A; IB= 0.8A
B
2.0
VBE(sat)
Base-Emitter
Saturation Voltage
BUV27AF
IC= 7A; IB= 0.7A
B
2.0
V
ICEX
Collector Cutoff Current
VCE=VCESmax;VBE=-1.5V,TJ=125℃
1.0
mA
ICES
Collector Cutoff Current
VCE=VCESmax;VBE=0,TJ=125℃
3.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
1.0
mA
Switching Times; Resistive Load
ton
Turn-On Time
0.4
0.8
μs
tstg
Storage Time
0.5
1.2
μs
tf
Fall Time
For BUV27F
IC= 8A; IB1= 0.8A; IB2= -1.6A
For BUV27AF
IC= 7A; IB1= 0.7A; IB2= -1.4A
0.12
0.4
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com