Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUV27F Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUV27F
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUV27F Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUV27F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUV27F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BUV27F/AF
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 120V(Min)- BUV27F
150V(Min)- BUV27AF
·High Switching Speed
APPLICATIONS
·Designed for fast switching applications such as high
frequency and efficiency converters, switching regulators
and motor control.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BUV27F
240
VCES
Collector-Emitter Voltage
VBE= 0
BUV27AF
300
V
BUV27F
120
VCEO
Collector-Emitter Voltage
BUV27AF
150
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
15
A
ICM
Collector Current-Peak
20
A
IB
B
Base Current-Continuous
4
A
IBM
Base Current-Peak
6
A
PC
Collector Power Dissipation
@ TC=25℃
18
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
7.0
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
55
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BUV27F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUV27 STMICROELECTRONICS-BUV27 Datasheet
62Kb / 4P
MEDIUM POWER NPN SILICON TRANSISTOR
Jun-1997
BUV27 STMICROELECTRONICS-BUV27 Datasheet
57Kb / 4P
MEDIUM POWER NPN SILICON TRANSISTOR
Feb-2003
logo
Savantic, Inc.
BUV27 SAVANTIC-BUV27 Datasheet
99Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BUV27 COMSET-BUV27 Datasheet
174Kb / 3P
SILICON POWER TRANSISTORS
logo
ON Semiconductor
BUV27 ONSEMI-BUV27 Datasheet
58Kb / 4P
NPN Silicon Power Transistor
August, 2005 ??Rev. 1
More results

Similar Description - BUV27F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29 ISC-TIP29 Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com