Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1402 Datasheet(PDF) 13 Page - Linear Technology

Part # 1402
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1402 Datasheet(HTML) 13 Page - Linear Technology

Back Button 1402 Datasheet HTML 9Page - Linear Technology 1402 Datasheet HTML 10Page - Linear Technology 1402 Datasheet HTML 11Page - Linear Technology 1402 Datasheet HTML 12Page - Linear Technology 1402 Datasheet HTML 13Page - Linear Technology 1402 Datasheet HTML 14Page - Linear Technology 1402 Datasheet HTML 15Page - Linear Technology 1402 Datasheet HTML 16Page - Linear Technology 1402 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1402
APPLICATIONS INFORMATION
all the internal references. When AGND2 (Pin 6) is tied to
the external ground plane, it sources 2.7mA
±30% typi-
cally; approximately 2mA are sourced through an internal
equivalent 2k resistance tied to the VREF (Pin 5) at 4.096V
and the remaining 0.7mA supply the internal reference
ground. The VREF (Pin 5) equivalent input resistance is the
same 2k tied to AGND2 (Pin 6). When you bus a common
reference voltage to several LTC1402 ADCs, you need to
keep PC board track resistance low to avoid reference
voltage attenuation at each ADC. For example, 0.5
Ω of
track resistance to Pins 5 or 6 causes 0.025% of reference
voltage and input range reduction. Figure 8 shows op-
tional buffer amplifiers at each ADC to eliminate resistive
voltage drops from the common external reference to each
ADC. Figure 8 shows 10
µF bypass capacitors tied to the
common analog ground plane, at VREF (Pin 5) and AGND2
(Pin 6), wired closely to each ADC to eliminate crosstalk of
internal ADC glitch currents from one ADC to another. The
10
µF bypass capacitors are recommended whether you
drive Pins 5 and 6 with amplifiers, or with copper traces
INPUT SPAN VERSUS REFERENCE VOLTAGE
The differential input range has a voltage span that equals
the difference between the voltage at the reference buffer
output VREF at Pin 5, and the voltage at the reference
ground AGND2 at Pin 6. The external reference voltage
may have any value between 2V and 5V. The internal ADC
is referenced to these two points. If you use an external
reference, tie the GAIN (Pin 7) to AVDD (Pin 1) to disable
the internal reference, and connect the external reference
between VREF (Pin 5) and AGND2 (Pin 6).
If you cut the reference voltage in half by halving the gain
of the reference buffer with the GAIN (Pin 7) tied to VREF
(Pin 5), the input span also cuts in half. In bipolar mode,
the differential input range changes from
±2.048V to
±1.024V, when the reference is cut in half. In unipolar
mode, the differential input range changes from 0V-
4.096V to 0V-2.048V, for the same reference cut in half.
Note that in both unipolar and bipolar modes, the input
range pivots around 0V with changing reference voltage.
AGND2 (Pin 6) has no direct effect on the ADC offset
voltage, it only affects input voltage span. Any external
offsetting voltages must be applied through the AIN+ and
AIN– inputs, as shown in Figure 10b.
SEVERAL LTC1402 ADCs MAY SHARE ONE
EXTERNAL REFERENCE
Figure 8 shows how several ADCs can share a single
common external reference. The VREF (Pin 5) and AGND2
(Pin 6) of several LTC1402 ADCs can be tied together to
share the same external reference in a data acquisition
system. Tie GAIN (Pin 7) to AVDD at each ADC to disable
Figure 8. Several LTC1402 ADCs Can Share a Single
External Reference
FREQUENCY (MHz)
–40
–30
–20
–10
0
0.1
10
100
1000
1402 F07
–50
–60
–70
1
Figure 7. CMRR vs Input Frequency
LTC1402
AIN
+
5V
AIN
–
VREF
AGND2
GAIN
1402 F08
3
2
5
6
7
10
µF
10
µF
+
–
+
–
2
6
3
5
5V
–5V
4
1
8
7
LTC1402
AIN
+
ANALOG
INPUTS
ANALOG
INPUTS
5V
AIN
–
VREF
AGND2
GAIN
3
2
5
6
7
10
µF
10
µF
+
–
+
–
2
6
3
5
5V
–5V
4
1
8
7
•
•
•
4.096V
1/2 LT1368CS8
1/2 LT1368CS8
1/2 LT1368CS8
1/2 LT1368CS8
0.1
µF
10k
1k
5V
LT1634AI-4.096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com