Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1402 Datasheet(PDF) 21 Page - Linear Technology

Part # 1402
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1402 Datasheet(HTML) 21 Page - Linear Technology

Back Button 1402 Datasheet HTML 16Page - Linear Technology 1402 Datasheet HTML 17Page - Linear Technology 1402 Datasheet HTML 18Page - Linear Technology 1402 Datasheet HTML 19Page - Linear Technology 1402 Datasheet HTML 20Page - Linear Technology 1402 Datasheet HTML 21Page - Linear Technology 1402 Datasheet HTML 22Page - Linear Technology 1402 Datasheet HTML 23Page - Linear Technology 1402 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC1402
; The vectors in this table can be configured for processing external and
; internal software interrupts. The DSKplus debugger uses four interrupt
; vectors. These are RESET, TRAP2, INT2, and HPIINT.
; * DO NOT MODIFY THESE FOUR VECTORS IF YOU PLAN TO USE THE DEBUGGER *
;
; All other vector locations are free to use. When programming always be sure
; the HPIINT bit is unmasked (IMR=200h) to allow the communications kernel and
; host PC interact. INT2 should normally be masked (IMR(bit 2) = 0) so that the
; DSP will not interrupt itself during a HINT. HINT is tied to INT2 externally.
;
;
;
.mmregs
reset
goto #80h
;00; RESET * DO NOT MODIFY IF USING DEBUGGER *
nop
nop
nmi
return_enable
;04; non-maskable external interrupt
nop
nop
nop
trap2 goto #88h
;08; trap2 * DO NOT MODIFY IF USING DEBUGGER *
nop
nop
.space 52*16
;0C-3F: vectors for software interrupts 18-30
int0
return_enable
;40; external interrupt int0
nop
nop
nop
int1
return_enable
;44; external interrupt int1
nop
nop
nop
int2
return_enable
;48; external interrupt int2
nop
nop
nop
tint
return_enable
;4C; internal timer interrupt
nop
nop
nop
brint
goto breceive
;50; BSP receive interrupt
nop
nop
nop
bxint goto bsend
;54; BSP transmit interrupt
nop
nop
nop
trint
return_enable
;58; TDM receive interrupt
nop
nop
nop
txint
return_enable
;5C; TDM transmit interrupt
nop
nop
int3
return_enable
;60; external interrupt int3
nop
nop
nop
hpiint dgoto #0e4h
;64; HPIint * DO NOT MODIFY IF USING DEBUGGER *
nop
nop
.space 24*16
;68-7F; reserved area
.sect “buffer”
;Set address of BSP buffer for clearing
.space 16*0x800
.sect “result”
;Set address of result for clearing
.space 16*0x800
.end
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com