Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1518CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1518CS
Description  52Mbps Precision Delay RS485 Quad Line Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1518CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1518CS Datasheet HTML 4Page - Linear Technology LTC1518CS Datasheet HTML 5Page - Linear Technology LTC1518CS Datasheet HTML 6Page - Linear Technology LTC1518CS Datasheet HTML 7Page - Linear Technology LTC1518CS Datasheet HTML 8Page - Linear Technology LTC1518CS Datasheet HTML 9Page - Linear Technology LTC1518CS Datasheet HTML 10Page - Linear Technology LTC1518CS Datasheet HTML 11Page - Linear Technology LTC1518CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1518/LTC1519
Note that due to the increased skew, this configuration
might not operate at the highest data rates. To transmit
single-ended data over short to medium distances, twisted
pair is recommended with the unused wire grounded at
both ends (Figure 7).
Differential Transmission
Data rates up to 52Mbps can be transmitted over 100 feet
of high quality category 5 twisted pair. Figure 8 shows the
LTC1518 receiving differential data from an LTC1685
transceiver. As in the single-ended configurations, care
must be taken to properly terminate the differential data
lines to avoid unwanted reflections, etc.
Figure 7. Medium Distance Single-Ended Transmission
Using a CMOS Driver
Figure 8. LTC1518 Connected to LTC1685
High Speed RS485 Transceiver
–
+
1/4
LTC1518
LTC1519
10-FT TWISTED PAIR
MC74ACT04
MC74AC04
0.01
µF
100
Ω
100
Ω
3.3k
5V
5V
1k
1518/19 F07
100
Ω
A 1
4
EN
EN
RO
1518/19 F08
1/4 LTC1518
LTC1685
LTC1685
12
3
2 B
7
6
3
2
DE
DI
RO
4
1
100
Ω
7
6
3
2
DE
DI
RO
4
1
RE
RE
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com