Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1518CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1518CS
Description  52Mbps Precision Delay RS485 Quad Line Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1518CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1518CS Datasheet HTML 4Page - Linear Technology LTC1518CS Datasheet HTML 5Page - Linear Technology LTC1518CS Datasheet HTML 6Page - Linear Technology LTC1518CS Datasheet HTML 7Page - Linear Technology LTC1518CS Datasheet HTML 8Page - Linear Technology LTC1518CS Datasheet HTML 9Page - Linear Technology LTC1518CS Datasheet HTML 10Page - Linear Technology LTC1518CS Datasheet HTML 11Page - Linear Technology LTC1518CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1518/LTC1519
©LINEAR TECHNOLOGY CORPORATION 1997
15189fa LT/TP 0900 2K REV A • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC486/LTC487
Low Power Quad RS485 Drivers
10Mbps, – 7V to 12V Common Mode Range
LTC488/LTC489
Low Power Quad RS485 Receivers
10Mbps, – 7V to 12V Common Mode Range
LT
®1016
UltraFast
TM Precision Comparator
Single 5V Supply, 10ns Propagation Delay
LTC1520
High Speed, Precision Quad Differential Line Receiver
50Mbps,
±100mV Threshold, Rail-to-Rail Common Mode
LTC1685/LTC1686/
High Speed, Precision RS485 Transceivers
52Mbps, Pin Compatible with LTC485/490/491
LTC1687
LTC1688/LTC1689
High Speed, RS485 Quad Drivers
100Mbps, Pin Compatible with LTC486/LTC487
UltraFast is a trademark of Linear Technology Corporation.
High Speed Receiver with Hot Swap Control
TYPICAL APPLICATIO
+
87
6
5
1
2
34
8
ON
VCC
VCC
ON/RESET
GND
DATA
BUS
SENSE
GND
TIMER
GATE
FB
RESET
LTC1422
R1
0.005
Ω
BACK
PLANE
PLUG-IN
CARD
R2
10
Ω
5%
R3
6.81k
1%
R4
2.43k
1%
3.3k
3.3k
C1
0.1
µF
C4
2200
µF
VCC
5V
5A
Q1
MTB56N06V
0.1
µF
1518 TA03
C2
0.33
µF
RESET
µP
16
2
1
6
7
10
9
14
15
8
4
3
5
D7
D6
D5
D4
D3
D2
D1
D0
11
13
LTC1518
16
2
1
6
7
10
9
14
15
8
4
3
5
11
13
LTC1518
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com