Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU4100 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TFDU4100
Description  2.7-5.5V Serial Infrared Transceiver Module Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4100 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TFDU4100 Datasheet HTML 3Page - Vishay Siliconix TFDU4100 Datasheet HTML 4Page - Vishay Siliconix TFDU4100 Datasheet HTML 5Page - Vishay Siliconix TFDU4100 Datasheet HTML 6Page - Vishay Siliconix TFDU4100 Datasheet HTML 7Page - Vishay Siliconix TFDU4100 Datasheet HTML 8Page - Vishay Siliconix TFDU4100 Datasheet HTML 9Page - Vishay Siliconix TFDU4100 Datasheet HTML 10Page - Vishay Siliconix TFDU4100 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TFDU4100/TFDS4500/TFDT4500
TELEFUNKEN
Semiconductor
Pending—Rev. A, 03-Apr-98
7
Pre-Release Information
Shutdown (Cont’d)
Regulated Power Supply
50 mA
Microcontroller or
Microprocessor
20 mA
+
_
Power Supply
IIRED
RILIM
IRED
Anode
IS
VCC1/SD
TFDU4100 (Note: Typical Values Listed)
Receive Mode
@5 V: IIRED = 300 mA, IS = 1.3 mA
@2.7 V: IIRED = 300 mA, IS = 1.0 mA
Transmit Mode
@5 V: IIRED = 300 mA, IS = 5 mA (Avg.)
@2.7 V: IIRED = 300 mA, IS = 3.5 mA (Avg.)
Figure 3.
Regulated Power Supply
50 mA
Microcontroller or
Microprocessor
20 mA
+
_
Power Supply
IIRED
R1
IRED
Anode
IS
VCC1/SD
TFDU4100 (Note: Typical Values Listed)
Receive Mode
@5 V: IIRED = 300 mA, IS = 1.3 mA
@2.7 V: IIRED = 300 mA, IS = 1.0 mA
Transmit Mode
@5 V: IIRED = 300 mA, IS = 5 mA (Avg.)
@2.7 V: IIRED = 300 mA, IS = 3.5 mA (Avg.)
Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com