Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU4100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TFDU4100
Description  2.7-5.5V Serial Infrared Transceiver Module Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TFDU4100 Datasheet HTML 1Page - Vishay Siliconix TFDU4100 Datasheet HTML 2Page - Vishay Siliconix TFDU4100 Datasheet HTML 3Page - Vishay Siliconix TFDU4100 Datasheet HTML 4Page - Vishay Siliconix TFDU4100 Datasheet HTML 5Page - Vishay Siliconix TFDU4100 Datasheet HTML 6Page - Vishay Siliconix TFDU4100 Datasheet HTML 7Page - Vishay Siliconix TFDU4100 Datasheet HTML 8Page - Vishay Siliconix TFDU4100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TFDU4100/TFDS4500/TFDT4500
TELEFUNKEN
Semiconductor
Pending—Rev. A, 03-Apr-98
1
Pre-Release Information
2.7–5.5V Serial Infrared Transceiver Module Family
(SIR, 115.2 kbit/s)
Features
Applications
D Compliant to IrDA 1.2 (up to
115.2 kbit/s)
D Wide Operating Voltage Range
(2.7 to 5.5 V )
D Low Power Consumption
(1.3 mA Supply Current)
D Power Sleep Mode Through
VCC1/SD Pin (5 nA Sleep
Current)
D Long Range (up to 3.0 m at 115.2
kbit/s)
D Three Surface Mount Package
Options
–
Universal (9.7 x 4.7 x 4.0 mm)
–
Side View (13.0x5.95x5.3mm)
–
Top View (13.0x7.6x5.95mm)
D BabyFace (Universal) Package
Capable of Surface Mount
Solderability to Side- and
Top-View Orientation
D Directly Interfaces with Various
Super I/O and Controller Devices
and TEMIC’s TOIM3000 and
TOIM3232 I/Os
D Few External Components
Required
D Backward Compatible to All
TEMIC SIR Infrared
Transceivers
D Built–in EMI Protection – No
External Shielding Necessary
D Notebook Computers, Desktop
PCs, Palmtop Computers (Win
CE, Palm PC), PDAs
D Digital Still and Video Cameras
D Printers, Fax Machines,
Photocopiers, Screen Projectors
D Telecommunication Products
(Cellular Phones, Pagers)
D Internet TV Boxes, Video
conferencing systems
D External Infrared Adapters
(Dongles)
D Medical and Industrial Data
Collection Devices
Description
The TFDU4100, TFDS4500, and TFDT4500 are a family
of low-power infrared transceiver modules compliant to
the IrDA 1.2 standard for serial infrared (SIR) data
communication, supporting IrDA speeds up to 115.2
kbit/s. Integrated within the transceiver modules are a
photo PIN diode, infrared emitter (IRED), and a
low-power analog control IC to provide a total front–end
solution in a single package. TEMIC’s SIR transceivers
are available in three package options, including our
BabyFace package (TFDU4100), the smallest SIR
transceiver available on the market. This wide selection
provides flexibility for a variety of applications and space
constraints.
The transceivers are capable of directly interfacing with
a wide variety of I/O chips which perform the pulse-width
modulation/demodulation function, including TEMIC’s
TOIM3000 and TOIM3232.
At a minimum, a
current-limiting resistor in series with the infrared emitter
and a Vcc bypass capacitor are the only external
components required to implement a complete solution.
Package Options
TFDU4100
Baby Face (Universal)
TFDS4500
Side View
TFDT4500
Top View
This product is currently in devleopment. Inquiries regarding the status of this product should be directed to TEMIC Marketing.


Similar Part No. - TFDU4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4100-TR3 VISHAY-TFDU4100-TR3 Datasheet
307Kb / 15P
Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
05-Dec-05
TFDU4100-TT3 VISHAY-TFDU4100-TT3 Datasheet
307Kb / 15P
Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
05-Dec-05
TFDU4100 VISHAY-TFDU4100_05 Datasheet
307Kb / 15P
Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
05-Dec-05
More results

Similar Description - TFDU4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6100E VISHAY-TFDU6100E Datasheet
549Kb / 12P
2.7-5.5V Fast Infrared Transceiver Module Family
03-Apr-98
TFDU8108 VISHAY-TFDU8108 Datasheet
820Kb / 27P
Very Fast Infrared Transceiver Module (VFIR, 16 Mbit/s), Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
12-Aug-04
logo
List of Unclassifed Man...
IBM31T1100 ETC-IBM31T1100 Datasheet
89Kb / 8P
Integrated Infrared Transceiver Module
MS3201 ETC1-MS3201 Datasheet
557Kb / 6P
115.2 kbps infrared transceiver module
logo
Vishay Siliconix
TFDU6108 VISHAY-TFDU6108 Datasheet
940Kb / 27P
Fast Infrared Transceiver Module (4 Mbit/s), IrDA Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
25-Jun-04
TFBS4710 VISHAY-TFBS4710 Datasheet
208Kb / 12P
Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
23-Feb-06
logo
Unity Opto Technology
UTS-413T UOT-UTS-413T Datasheet
62Kb / 4P
Infrared IrDA Transceiver Module
logo
Vishay Siliconix
TFDU4100 VISHAY-TFDU4100_05 Datasheet
307Kb / 15P
Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
05-Dec-05
TFBS4711 VISHAY-TFBS4711_06 Datasheet
202Kb / 12P
Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
07-Nov-06
logo
EHAOAN.
HS1838B-C EHAOAN-HS1838B-C Datasheet
1Mb / 8P
Operating voltage: 2.7 v -5.5v
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com