Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVS Datasheet(PDF) 10 Page - Emerson Network Power

Part # IVS
Description  Intelligent VS Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS Datasheet(HTML) 10 Page - Emerson Network Power

Back Button IVS Datasheet HTML 3Page - Emerson Network Power IVS Datasheet HTML 4Page - Emerson Network Power IVS Datasheet HTML 5Page - Emerson Network Power IVS Datasheet HTML 6Page - Emerson Network Power IVS Datasheet HTML 7Page - Emerson Network Power IVS Datasheet HTML 8Page - Emerson Network Power IVS Datasheet HTML 9Page - Emerson Network Power IVS Datasheet HTML 10Page - Emerson Network Power IVS Datasheet HTML 11Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Rev. 1.22.09_145
iVS Series
10 of 11
Embedded Power for
Business-Critical Continuity
5.8 max
(2x)
279.4±0.7
291.2±1
12.7 (2X)
203.2±0.5
127.0±0.7
12.7 (2X)
171.5 (2X)
171.5 (2X)
19.1 (2X)
19.1 (2X)
12.7 (4X)
FOR M4 SCREW (4X)
(SYSTEM MOUNTING)
12.7 (4X)
29.1 (2X)
171.5 (2X)
171.5 (2X)
19.1 (2X)
12.7 (2X)
12.7 (2X)
FOR #8-32 SCREW (4X)
(SYSTEM MOUNTING)
FOR M4 SCREW (4X)
(SYSTEM MOUNTING)
FOR M4 SCREW (4X)
(SYSTEM MOUNTING)
REVERSE AIRFLOW DIRECTION
NORMAL AIRFLOW DIRECTION
iVSSeries
iVS8(4920 WattsMax)
8-InchCaseSize:
iVS8:5”x8”x11”(127mmx203.2mmx279.4mm)
Weight:
iVS8Case:9.0lbs.•1500WSingle2.0lbs.
•750WSingle:1.6lbs.•360WSingle:1.0lb.
•210WSingle:0.6lb.•144WDual:0.6lb.
Notes
1. Input:Barriertype.ThreeM3.5screws(0.394”centers).Maxtorque:6in-lbs.(0.67N-m).
2. Controlconnectors:(J1)10positionhousing,goldplatedcontacts.MateswithMolex90142-0010housingwith90119-2110crimpcontacts(MolexC-GridIIISeries).
Connectorkitincludesmatingconnectorand10pins,Astecpart#70-841-004.(J2)10positionhousing(Landwin2051P1000T).Mateswithhousing2050S1000
(Landwin)with2053T011P(Landwin)pins.
3. Chassismaterial:aluminumwithchemicalfilmcoating(conductive).
4. Alldimensionsareinmillimetersandinches,andaretypical.
5. Customermounting-3sidesM4,bottomalsoincludes8-32mountingholes.Max.penetrationis0.155”(4.0mm).Max.torque:5in-lbs.(0.57N-m).
6. Outputmoduleconnections:AllsingleO/PmodulesareM4x8mmscrews.Max.torque:10in-lbs.(1.13N-m).
DualO/PmoduleisM3x8mmscrews.Max.torque:5in-lbs.(0.57N-m).
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com