Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVS Datasheet(PDF) 4 Page - Emerson Network Power

Part # IVS
Description  Intelligent VS Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS Datasheet(HTML) 4 Page - Emerson Network Power

  IVS Datasheet HTML 1Page - Emerson Network Power IVS Datasheet HTML 2Page - Emerson Network Power IVS Datasheet HTML 3Page - Emerson Network Power IVS Datasheet HTML 4Page - Emerson Network Power IVS Datasheet HTML 5Page - Emerson Network Power IVS Datasheet HTML 6Page - Emerson Network Power IVS Datasheet HTML 7Page - Emerson Network Power IVS Datasheet HTML 8Page - Emerson Network Power IVS Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev. 1.22.09_145
iVS Series
4 of 11
Embedded Power for
Business-Critical Continuity
OrderingInformation
Samplebelowis3210Wcasewith12V@125A;24V@8.5A;5V@60A;12V@10Aand12V@4A;withnooptions.
iVS1
- 5L1 - 1Q1- 2EO -4LL0 -
00
-
A
-
###
Case Size (mm)
1-Phase Input
1 = 5”x5”x11”;1500W-3210W,9Slots
(127x127x279.4)
3 = 5”x8”x11”;1800W-4500W,14Slots
(127x203.2x279.4)
3-Phase Input
6 = 5”x5”x11”;3120W,9Slots
(127x127x279.4)
8 = 5”x8”x11”;4920W,14Slots
(127x203.2x279.4)
8H=5”x8”x11”;4920W,14Slots
(127x203.2x279.4)
Module Codes
Module/voltage/optioncodes
ModuleCodes:
(None)=36WtripleO/P(1slot)
1=210WsingleO/P(1slot)
2=360WsingleO/P(2slot)
3=750WsingleO/P(3slot)
5=1500WsingleO/P(slot4)
4=144WdualO/P(1slot)
HUP=Extra30mShold-up(1slot)
Case Option Codes
FirstDigit
0-9=Parallelcode
(See parallel codes table below)
SecondDigit
0=Nooptions
1=Reverseair
2=Notused
3=Globalenable
4=FanOffw/inhibit
5=Opt1+Opt3
6=Opt1+Opt4
7=Opt3+Opt4
8=Opt1+3+4
9=Future
Hardware Code
Module/Voltage/Option Codes
First - Module Code
Second-VoltageCode
Third-OptionCode
Case Option Codes
Software code
usedforconfigu-
rationchange.“A”
is standard
Case Size
Voltage Codes:
SeeOutputModuleVoltage/Current
tableabove
Option Codes:
0 =Standard
1 =Moduleenable
2 =Constantcurrent
3 =1&2combined
4 =Setforuseinstandard
(non-intelligentcase)
5 =Shutdownmodefor1500W
6 =1&5combined
7-9 Future
Factory assembled
forhardwareof
firmware mods.
Software Code
OrderingNote:
1.USBtoI2C module order code
73-769-001
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Parallel
Code
SlotNo.
iVS1,6
iVS3,8,8H
Diagram
PossibleConfigurations
Diagram
PossibleConfigurations
1
1&2
210210;210144;144144
210210;210144;144144
2
2&3
360360;360210;360144;+above
360360;360210;360144;+above
3
3&4
750360;750210;750144;210210;
210144;144144
750750;750360;750210;750144;
210210;210144;144144
4
4&5
1500210;1500144;210210;210144;
144144;360210;360144
15001500;1500750;1500360;1500210;
1500144;210210;210144;144144;360
360;360210;360144
5
3,4,&5
750210210;750210144;750144144
750210210;750210144;750144144
6
4&6
15001500;1500750
7
4,5,&6
1500210210;1500210144;1500144
144
1500210210;1500210144;1500144144
8
iVS1,6:3&6
iVS3,8,8H:4,5,&9
750750
150015001500;15001500750;15001500
360;15001500210;15001500144
9
iVS1,6:1&6
iVS3,8,8H:4,5&9;12&13
15001500;1500360;1500144
150015001500360;150015001500210;
150015001500144
A
iVS1,6:3&4;8&9
iVS3,8,8H:4&5;11&12
750210&750210
15001500&750750
C
iVS1,6:3,4&6
iVS3,8,8H:6&7;3,4,11&12
750,360,750
750750360750750
E
iVS3,8,8H:3,4,11,&12
750750750750
F
iVS3,8,8H:3&4;11&12
750360&750210;750750&750750
G
iVS3,8,8H:3,4&9
750750750
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
AC 14 13 12 11 10 9
8 7 6 5 4 3 2 1
6
5 4 3 2 1
8 7
9
AC
6
5 4 3 2 1
8 7
9
AC
6
5 4 3 2 1
8 7
9
AC
6
5 4 3 2 1
8 7
9
AC
6
5 4 3 2 1
8 7
9
AC
6
5 4 3 2 1
8 7
9
AC
6
5 4 3 2 1
8 7
9
AC
6
5 4 3 2 1
8 7
9
AC
6
5 4 3 2 1
8 7
9
AC
6
5 4 3 2 1
8 7
9
AC
6
5 4 3 2 1
8 7
9
AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com