Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS80 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NFS80
Description  80 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS80 Datasheet(HTML) 1 Page - Emerson Network Power

  NFS80 Datasheet HTML 1Page - Emerson Network Power NFS80 Datasheet HTML 2Page - Emerson Network Power NFS80 Datasheet HTML 3Page - Emerson Network Power NFS80 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The NFS80 series is a 80 W universal input ac-dc power supply on a
7 x 4.25 inch card. The NFS80 series has two quad output models
with a very high peak capability on the auxiliary outputs for drive
and motor applications. The NFS80 provides 80 W of output
power with free air convection cooling which can be boosted to
110 W with 20 CFM of forced air. Standard features include
overvoltage and short-circuit protection. The series, with full
international safety approval and the CE mark, meets conducted
emissions EN55022 level B. The NFS80 series is designed for use
in low power data networking, computer, telecom and industrial
applications such as servers, PABX's, storage devices, vending
machines and printers.
Embedded Power for
Business-Critical Continuity
NFS80 Series
Quad output
Special Features
• 7.0 x 4.25 x 1.8 inch package
• Overvoltage and
short circuit protection
• 80 W with free air convection
• Adjustable outputs
• Isolated output
• Floating fourth output
• EN55022, EN55011
conducted emissions level B
• UL, VDE and CSA
safety approvals
• Available RoHS compliant
• 2 year warranty
Total Power:
80 - 110W
Input Voltage: 90 - 264VAC
120 - 370VDC
# of Outputs:
Quad
Safety
VDE0805/EN60950/
IEC950/IEC1010
File No. 10401-3336-0213
Licence No. 40014677
UL1950 File No. E136005
CSA C22.2 No. 950
File No. LR41062C
Rev.02.16.07
NFS80 Series
1 of 4


Similar Part No. - NFS80

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
logo
Amphenol Corporation
NFS80-7602 AMPHENOL-NFS80-7602 Datasheet
250Kb / 4P
Overvoltage and short circuit protection, Floating fourth output, Available RoHS compliant
logo
Artesyn Technologies
NFS80-7602J ARTESYN-NFS80-7602J Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
NFS80-7602 ARTESYN-NFS80-7602_13 Datasheet
250Kb / 4P
80 W with free air convection, Adjustable outputs, Available RoHS compliant
NFS80-7606J ARTESYN-NFS80-7606J Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
More results

Similar Description - NFS80

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS110 ARTESYN-NFS110 Datasheet
62Kb / 3P
80-110W AC/DC Universal Input Switch Mode Power Supplies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
40 W universal input ac-dc power supply
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
110 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
65 W universal input ac-dc power supply
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
40 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL_09 Datasheet
959Kb / 4P
65 W universal input ac-dc power supply
logo
ETA-USA
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
150 Watt AC/DC Power Supply Universal Input
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com