Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS80 Datasheet(PDF) 3 Page - Emerson Network Power

Part # NFS80
Description  80 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS80 Datasheet(HTML) 3 Page - Emerson Network Power

  NFS80 Datasheet HTML 1Page - Emerson Network Power NFS80 Datasheet HTML 2Page - Emerson Network Power NFS80 Datasheet HTML 3Page - Emerson Network Power NFS80 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.02.16.07
NFS80 Series
3 of 4
Embedded Power for
Business-Critical Continuity
Specifications Contd.
Notes
1
Natural convection cooling.
2
Peak output current lasting less than 60 seconds with duty cycle ≤10%. During
peak loading, outputs may exceed total regulation limits.
3
Forced air cooling, 20 CFM @ 1 atmosphere.
4
50 MHz bandwidth, peak-to-peak, measured differentially.
5
Total regulation is defined as the static output regulation at 25 °C, including
initial tolerance, line voltage within stated limits, load currents within stated
limits, and output voltages adjusted to their factory settings. Also, for stated
regulation on the +24 V output, IA / IB ≤ 5.
6
Pins 10 and 11 are a floating output, which can be referenced as either positive
or negative. Pin 10 is positive with respect to pin 11. Either pin 10 or 11 must
be connected to return (pins 4-7) for proper operation.
7
Derating curve is application specific for ambient temperatures > 50 °C, for
optimum reliability, no part of the heatsink should exceed 110 ºC and no
semiconductor case temperature should exceed 115 ºC.
8
Caution: Allow a minimum of 1 second after disconnecting the power when
making thermal measurements.
9
Three orthogonal axes, random vibration, 10 minute test for each axis.
10 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
11 For EMI compliance unit may need to be mounted on a metal chassis.
12 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE
RoHS 5/6 (non Pb-free) compliant versions may be available on special request,
please contact your local sales representative for details.
13 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
OUTPUT
OUTPUT CURRENTS
RIPPLE (4)
TOTAL
MODEL NUMBER (12,13,E)
VOLTAGE
MAX (1)
PEAK (2)
FAN (3)
REGULATION (5)
+5 V (IA)
8 A
20 A
15 A
50 mV
±2.0%
NFS80-7602J
+24 V (IB)
2 A
3 A
2.5 A
240 mV
+10.0/-5.0%
+12 V
2.5 A
6 A
3 A
120 mV
±3.0%
±12 V (6)
2.5 A
6 A
3 A
120 mV
±3.0%
+5 V (IA)
8 A
20 A
15 A
50 mV
±2.0%
NFS80-7606J
+24 V (IB)
2 A
3 A
2.5 A
240 mV
+10.0/-5.0%
+15 V
2.5 A
6 A
3 A
150 mV
±3.0%
±15 V (6)
2.5 A
6 A
3 A
150 mV
±3.0%
Output Power (Watts)
DERATING CURVE
110W
80W
20 CFM FORCED AIR COOLING
40W
NATURAL
CONVECTION
COOLING
55W
5W
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
5W MINIMUM LOAD NECESSARY



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com