Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP65 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NLP65
Description  Universal Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP65 Datasheet(HTML) 1 Page - Emerson Network Power

  NLP65 Datasheet HTML 1Page - Emerson Network Power NLP65 Datasheet HTML 2Page - Emerson Network Power NLP65 Datasheet HTML 3Page - Emerson Network Power NLP65 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Embedded Power for
Business-Critical Continuity
NLP65 Series
Single, dual,
and triple output
Special Features
• Universal Input
• 3" x 5" footprint
• Low profile fits 1U applications
• EN61000-3-2 compliance
option (HCC)
• Overvoltage and short circuit
protection
• 65 W with free air convection
cooling
• EN55022, EN55011 conducted
emissions level B
• EN61000-4-2,-3,-4, -5, -6
immunity compliant
• RoHS compliant
• LPX80 enclosure kit available
• 2 year warranty
Total Power:
65 - 75W
Input Voltage: 85 - 264 Vac
120 - 370 Vdc*
# of Outputs:
Single, dual,
triple
Safety
VDE0805/EN60950/IEC950
File No. 1040100-3336-0096
Licence No. 114404
UL1950 File No. E136005
CSA C22.2 No. 950
File No. LR41062C
China Compulsory
Certification 60950
*NLP65-76xx version only
Rev.06.02.08
NLP65 Series
1 of 4
Electrical Specifications
Input
Input voltage range
Universal input,
85-264 Vac
(See Note 2)
NLP65-76xx version only
120-370 Vdc
Input frequency range
47-63 Hz
Input current
(cold start)
120 Vac
17 A max.
230 Vac
32 A max.
Safety ground
leakage current
120 Vac, 60 Hz
0.7 mA
230 Vac, 50 Hz
1.4 mA
Input current
120 Vac, with PFC
1.05 A rms
230 Vac, with PFC
0.51 A rms
120 Vac, without PFC
1.40 A rms
230 Vac, without PFC
0.80 A rms
Input fuse
UL/IEC127
S3.15 A, 250 Vac In live and neutral
Output
Total regulation
(line and load)
Main output
±2.0%
Auxiliary outputs
±5.0%
Rise time
At turn-on
1.0 s, max
Transient response
Main output
5.0% or 250 mV
25% step
max. dev., 1ms max.
at 0.1 A/μs
recovery to 1%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main outputs
125%, ±10%
Short circuit protection
Cyclic operation
Continuous
Minimum output current
Single and multiple
(See Note 6)


Similar Part No. - NLP65

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP65 ARTESYN-NLP65 Datasheet
63Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65 Datasheet
427Kb / 4P
85 VAC to 264 VAC universal input range
logo
Artesyn Technologies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3322 ARTESYN-NLP65-3322 Datasheet
52Kb / 3P
60W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3322J ARTESYN-NLP65-3322J Datasheet
614Kb / 5P
Single, Dual and Triple Output
More results

Similar Description - NLP65

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ110 EMERSON-NETWORKPOWER-LPQ110 Datasheet
81Kb / 2P
Universal input
LPS25 EMERSON-NETWORKPOWER-LPS25 Datasheet
99Kb / 3P
Universal input
LPS40 EMERSON-NETWORKPOWER-LPS40 Datasheet
124Kb / 3P
Universal input
LPS50 EMERSON-NETWORKPOWER-LPS50 Datasheet
515Kb / 3P
Universal input
LPS60 EMERSON-NETWORKPOWER-LPS60 Datasheet
121Kb / 3P
Universal input
LPT25 EMERSON-NETWORKPOWER-LPT25 Datasheet
102Kb / 3P
Universal input
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
Universal input
LPS41 EMERSON-NETWORKPOWER-LPS41_09 Datasheet
314Kb / 3P
Universal input
logo
MORNSUN Science& Techno...
LH25-20B05MU MORNSUN-LH25-20B05MU Datasheet
1Mb / 5P
Universal Input
logo
Total Power Internation...
TPS-40LB TOTAL-POWER-TPS-40LB Datasheet
229Kb / 2P
Universal input
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com