Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP65 Datasheet(PDF) 4 Page - Emerson Network Power

Part # NLP65
Description  Universal Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP65 Datasheet(HTML) 4 Page - Emerson Network Power

  NLP65 Datasheet HTML 1Page - Emerson Network Power NLP65 Datasheet HTML 2Page - Emerson Network Power NLP65 Datasheet HTML 3Page - Emerson Network Power NLP65 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 (760) 930 4600
Facsimile: +1 (760) 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
technicalsupport@
powerconversion.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Embedded Power for
Business-Critical Continuity
Rev.06.02.08
NLP65 Series
4 of 4
C19
ALL DIMENSIONS IN INCHES (mm)
5.00
(127.00)
MAXIMUM COMPONENT
HEIGHT 1.26 (32.00)
N
1
L
J3
J1
J2
6
4.550
(115.57)
2.550
(64.770)
TOLERANCE: .xxx
0.005"
.xx
0.02"
0.225
(5.715)
3.00
(76.20)
3
Mounting
Hole Diameter
0.156 (4.00)
T1
1
Input and output connectors
Mating connectors
AC (J1) connector type
AC (J1) mating connector type
Molex 26-60-4030 type.
Molex 09-50-3031 or equivalent with Molex
08-50-0105 or equivalent crimp terminals.
DC (J3) connector type
DC (J3) mating connector type
Molex 26-60-4060 type.
Molex 09-50-3061 with Molex 2478 phosphor
bronze crimp terminals or equivalent.
Note: The input and output connectors are the same as those used on NFS40,
NFN40, NAL40, NAN40 and NLP40.
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Line
Pin 2
No Pin
Pin 3
AC Neutral
J2 (ON ‘G’ SUFFIX ONLY)
Pin 1
Safety Ground
OUTPUT PIN CONNECTIONS
J3
SINGLE
DUAL
TRIPLE
Pin 1
V (A)
V (B)
V (B)
Pin 2
V (A)
V (A)
V (A)
Pin 3
V (A)
V (A)
V (A)
Pin 4
Return
Return
Return
Pin 5
Return
Return
Return
Pin 6
Return
N/C
V (C)
Mechanical Drawing
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
EmersonNetworkPower. com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com