Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1383 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1383
Description  5V Low Power RS232 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1383 Datasheet(HTML) 1 Page - Linear Technology

  LTC1383_1 Datasheet HTML 1Page - Linear Technology LTC1383_1 Datasheet HTML 2Page - Linear Technology LTC1383_1 Datasheet HTML 3Page - Linear Technology LTC1383_1 Datasheet HTML 4Page - Linear Technology LTC1383_1 Datasheet HTML 5Page - Linear Technology LTC1383_1 Datasheet HTML 6Page - Linear Technology LTC1383_1 Datasheet HTML 7Page - Linear Technology LTC1383_1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1383
1383fa
5V Low Power
RS232 Transceiver
Operates from a Single 5V Supply
Low Supply Current: ICC = 220µA
ESD Protection Over ±10kV
Available in 16-Pin SOIC Narrow Package
Uses Small Capacitors: 0.1µF
Operates to 120kBaud
Output Overvoltage Does Not Force Current
Back into Supplies
RS232 I/O Lines Can Be Forced to ±25V
Without Damage
Pin Compatible with LT1181A and MAX232A
The LTC
®1383 is an ultra-low power 2-driver/2-receiver
RS232 transceiver that operates from a single 5V
supply. The charge pump requires only four space-
saving 0.1µF capacitors. The supply current (ICC) of the
transceiver is only 220µA with driver outputs unloaded.
The LTC1383 is fully compliant with all data rate and
overvoltage RS232 specifications. The transceiver can
operate up to 120kbaud with a 2500pF, 3kΩ load. Both
driver outputs and receiver inputs can be forced to
±25V without damage and can survive multiple ±10kV
ESD strikes.
Notebook Computers
Palmtop Computers
Quiescent Supply Current vs Temperature
TEMPERATURE (°C)
–20
0
100
200
300
400
600
0
20
40
60
LTC1383 • TA02
80
500
TEST CONDITION: VCC = 5V
QUIESCENT
CURRENT
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTC1383 • TA01
LTC1383
1
3
0.1µF
16
VCC = 5V
2
0.1µF
6
0.1µF
0.1µF
4
5
232 OUTPUT
14
7
232 OUTPUT
13
232 INPUT
5k
8
232 INPUT
15
11
10
12
9
LOGIC INPUT
LOGIC INPUT
LOGIC OUTPUT
LOGIC OUTPUT
5k
300k
VCC
300k
VCC


Similar Part No. - LTC1383_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1383 LINER-LTC1383_15 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver
More results

Similar Description - LTC1383_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1537 LINER-LT1537 Datasheet
250Kb / 8P
Advanced Low Power 5V RS232 Transceiver with Small Capacitors
LTC1337 LINER-LTC1337 Datasheet
233Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1338 LINER-LTC1338 Datasheet
222Kb / 8P
5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1382 LINER-LTC1382 Datasheet
211Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
LTC1383 LINER-LTC1383 Datasheet
212Kb / 8P
5V Low Power RS232 Transceiver
LTC1382 LINER-LTC1382_1 Datasheet
114Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
LTC1337 LINER-LTC1337_15 Datasheet
133Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1382 LINER-LTC1382_15 Datasheet
119Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
LTC1383 LINER-LTC1383_15 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver
LTC1338 LINER-LTC1338_15 Datasheet
208Kb / 8P
5V Low Power RS232 5-Driver/3-Receiver Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com