Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1383 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1383
Description  5V Low Power RS232 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1383 Datasheet(HTML) 3 Page - Linear Technology

  LTC1383_1 Datasheet HTML 1Page - Linear Technology LTC1383_1 Datasheet HTML 2Page - Linear Technology LTC1383_1 Datasheet HTML 3Page - Linear Technology LTC1383_1 Datasheet HTML 4Page - Linear Technology LTC1383_1 Datasheet HTML 5Page - Linear Technology LTC1383_1 Datasheet HTML 6Page - Linear Technology LTC1383_1 Datasheet HTML 7Page - Linear Technology LTC1383_1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1383
1383fa
DC ELECTRICAL CHARACTERISTICS
AC CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Slew Rate
RL = 3k, CL = 51pF
8
30
V/µs
RL = 3k, CL = 2500pF
3
5
V/µs
Driver Propagation Delay
tHLD (Figure 1)
2
3.5
µs
(TTL to RS232)
tLHD (Figure 1)
2
3.5
µs
Receiver Propagation Delay
tHLR (Figure 2)
0.3
0.8
µs
(RS232 to TTL)
tLHR (Figure 2)
0.3
0.8
µs
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
0
–8
–6
–2
0
2
40
10
LTC1383 • TPC01
–4
20
10
50
60
30
70
4
6
8
RL = 3k
VCC = 5V
VCC = 4.5V
OUTPUT HIGH
VCC = 4.5V
VCC = 5V
OUTPUT LOW
Driver Output Voltage
vs Temperature
DATA RATE (kBAUD)
0
0
5
15
20
25
100
45
LTC1383 • TPC03
10
50
25
125
75
150
175
30
35
40
VCC = 5V
RL = 3k
CL = 2500pF
2 DRIVERS ACTIVE
TEMPERATURE (˚C)
0
1.8
2.0
2.2
30
50
VTH
VTL
LTC1383 • TPC02
1.6
1.4
10
20
40
60
70
1.2
1.0
Receiver Input Thresholds
vs Temperature
Supply Current vs Data Rate
The denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, unless noted.
The denotes specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, unless noted.
Note 2: Supply current is measured with driver and receiver outputs
unloaded.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC Supply Current
No Load (Note 2), 0°C to 70°C
0.22
0.5
mA
No Load (Note 2), – 40°C to 85°C
0.35
1.0
mA
Digital Input Threshold Low
1.4
0.8
V
Digital Input Threshold High
2.0
1.4
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com