Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1707CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1707CS8
Description  High Efficiency Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1707CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1707CS8 Datasheet HTML 1Page - Linear Technology LTC1707CS8 Datasheet HTML 2Page - Linear Technology LTC1707CS8 Datasheet HTML 3Page - Linear Technology LTC1707CS8 Datasheet HTML 4Page - Linear Technology LTC1707CS8 Datasheet HTML 5Page - Linear Technology LTC1707CS8 Datasheet HTML 6Page - Linear Technology LTC1707CS8 Datasheet HTML 7Page - Linear Technology LTC1707CS8 Datasheet HTML 8Page - Linear Technology LTC1707CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1707
High Efficiency Monolithic
Synchronous Step-Down
Switching Regulator
Figure 1b. Efficiency vs Output Load Current
22
µF
16V
47pF
VIN*
3V TO
8.5V
1707 F01a
6
2
7
1
5
8
3
SW
VREF
VFB
VIN
RUN
SYNC/MODE
ITH
LTC1707
+
15
µH
100
µF
6.3V
80.6k
*VOUT FOLLOWS VIN FOR
3V < VIN < 3.3V
249k
VOUT
3.3V
+
GND
4
OUTPUT CURRENT (mA)
1
70
90
95
100
10
100
1000
1707 F01b
85
80
75
VOUT = 3.3V
VIN = 6V
VIN = 3.6V
VIN = 8.4V
Figure 1a. High Efficiency Low Dropout Step-Down Converter
The LTC
®1707 is a high efficiency monolithic current
mode synchronous buck regulator using a fixed frequency
architecture. The operating supply range is from 8.5V
down to 2.85V, making it suitable for both single and dual
lithium-ion battery-powered applications. Burst Mode op-
eration provides high efficiency at low load currents.
100% duty cycle provides low dropout operation, extend-
ing operating time in battery-powered systems.
The switching frequency is internally set at 350kHz,
allowing the use of small surface mount inductors. For
noise sensitive applications it can be externally synchro-
nized up to 550kHz. Burst Mode operation is inhibited
during synchronization or when the SYNC/MODE pin is
pulled low preventing low frequency ripple from interfer-
ing with audio circuitry. Soft-start is provided by an
external capacitor.
The internal synchronous MOSFET switch increases effi-
ciency and eliminates the need for an external Schottky
diode, saving components and board space. Low output
voltages down to 0.8V are easily achieved due to the 0.8V
internal reference. The LTC1707 comes in an 8-lead SO
package.
s
600mA Output Current (VIN ≥ 4V)
s
High Efficiency: Up to 96%
s
Constant Frequency: 350kHz Synchronizable
to 550kHz
s
2.85V to 8.5V VIN Range
s
0.8V Feedback Reference Allows Low Voltage
Outputs: 0.8V
≤ VOUT ≤ VIN
s
No Schottky Diode Required
s
1.19V
±1% Reference Output Pin
s
Selectable Burst Mode
TM Operation/Pulse
Skipping Mode
s
Low Dropout Operation: 100% Duty Cycle
s
Precision 2.7V Undervoltage Lockout
s
Current Mode Control for Excellent Line and
Load Transient Response
s
Low Quiescent Current: 200
µA
s
Shutdown Mode Draws Only 11
µA Supply Current
s
Available in 8-Lead SO Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
s
Cellular Telephones
s
Portable Instruments
s
Wireless Modems
s
RF Communications
s
Distributed Power Systems
s
Single and Dual Cell Lithium
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1707CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1707CS8 LINER-LTC1707CS8 Datasheet
213Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1707CS8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2003
logo
Linear Technology
LTC1707 LINER-LTC1707 Datasheet
213Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2004
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
High efficiency monolithic synchronous step down regulator
16-Sep-2008
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
logo
Linear Technology
LTC1707 LINER-LTC1707_15 Datasheet
228Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com