Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1707CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1707CS8
Description  High Efficiency Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1707CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1707CS8 Datasheet HTML 2Page - Linear Technology LTC1707CS8 Datasheet HTML 3Page - Linear Technology LTC1707CS8 Datasheet HTML 4Page - Linear Technology LTC1707CS8 Datasheet HTML 5Page - Linear Technology LTC1707CS8 Datasheet HTML 6Page - Linear Technology LTC1707CS8 Datasheet HTML 7Page - Linear Technology LTC1707CS8 Datasheet HTML 8Page - Linear Technology LTC1707CS8 Datasheet HTML 9Page - Linear Technology LTC1707CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1707
Main Control Loop
The LTC1707 uses a constant frequency, current mode
step-down architecture. Both the main (P-channel
MOSFET) and synchronous (N-channel MOSFET) switches
are internal. During normal operation, the internal top
power MOSFET is turned on each cycle when the oscillator
sets the RS latch, and turned off when the current com-
parator, ICOMP, resets the RS latch. The peak inductor
current at which ICOMP resets the RS latch is controlled by
the voltage on the ITH pin, which is the output of error
amplifier EA. The VFB pin, described in the Pin Functions
section, allows EA to receive an output feedback voltage
from an external resistive divider. When the load current
increases, it causes a slight decrease in the feedback
voltage relative to the 0.8V reference, which, in turn,
causes the ITH voltage to increase until the average induc-
tor current matches the new load current. While the top
MOSFET is off, the bottom MOSFET is turned on until
either the inductor current starts to reverse as indicated by
the current reversal comparator IRCMP, or the beginning of
the next cycle.
The main control loop is shut down by pulling the RUN/SS
pin low. Releasing RUN/SS allows an internal 2.25
µA
current source to charge soft-start capacitor CSS. When
CSS reaches 0.7V, the main control loop is enabled with the
ITH voltage clamped at approximately 5% of its maximum
value. As CSS continues to charge, ITH is gradually
released, allowing normal operation to resume.
Comparator OVDET guards against transient overshoots
> 7.5% by turning the main switch off and keeping it off
until the fault is removed.
Burst Mode Operation
The LTC1707 is capable of Burst Mode operation in which
the internal power MOSFETs operate intermittently based
on load demand. To enable Burst Mode operation, simply
allow the SYNC/MODE pin to float or connect it to a logic
high. To disable Burst Mode operation and enable pulse
skipping mode, connect the SYNC/MODE pin to GND. In
this mode, efficiency is lower at light loads, but becomes
comparable to Burst Mode operation when the output load
exceeds 30mA.
When the converter is in Burst Mode operation, the peak
current of the inductor is set to approximately 200mA,
even though the voltage at the ITH pin indicates a lower
value. The voltage at the ITH pin drops when the inductor’s
average current is greater than the load requirement. As
the ITH voltage drops below 0.12V, the BURST comparator
trips, causing the internal sleep line to go high and forcing
off both internal power MOSFETs.
In sleep mode, both power MOSFETs are held off and the
internal circuitry is partially turned off, reducing the quies-
cent current to 200
µA. The load current is now being
supplied from the output capacitor. When the output
voltage drops, causing ITH to rise above 0.22V, the top
MOSFET is again turned on and this process repeats.
Short-Circuit Protection
When the output is shorted to ground, the frequency of the
oscillator is reduced to about 35kHz, 1/10 the nominal
frequency. This frequency foldback ensures that the
inductor current has more time to decay, thereby prevent-
ing runaway. The oscillator’s frequency will progressively
increase to 350kHz (or the synchronized frequency) when
VFB rises above 0.3V.
Frequency Synchronization
The LTC1707 can be synchronized with an external
TTL/CMOS compatible clock signal with an amplitude of at
least 2VP-P. The frequency range of this signal must be
from 385kHz to 550kHz.
Do not attempt to synchronize the
LTC1707 below 385kHz as this may cause abnormal
operation and an undesired frequency spectrum. The top
MOSFET turn-on follows the rising edge of the external
source.
When the LTC1707 is synchronized to an external source,
the LTC1707 operates in PWM pulse skipping mode. In
this mode, when the output load is very low, current
comparator ICOMP remains tripped for more than one cycle
and forces the main switch to stay off for the same number
of cycles. Increasing the output load slightly allows con-
stant frequency PWM operation to resume. This mode
exhibits low output ripple as well as low audio noise and
reduced RF interference while providing reasonable low
current efficiency.
(Refer to Functional Diagram)
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com