Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT10E Datasheet(PDF) 1 Page - Emerson Network Power

Part # SMT10E
Description  DC-DC CONVERTERS E Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT10E Datasheet(HTML) 1 Page - Emerson Network Power

  SMT10E Datasheet HTML 1Page - Emerson Network Power SMT10E Datasheet HTML 2Page - Emerson Network Power SMT10E Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMT10E Series
12 Vin single output
File Name: smt10e_12.pdf Rev (03): 16 Dec 2005
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950-1-03/UL 60950-1,
File No. E174104
TÜV Product Service (EN60950) Certificate No. B03 10 38572 037
CB Report and Certificate to IEC60950, Certificate No.
DE3-51686M1
2 YEAR WARRANTY
DC-DC CONVERTERS
E Class Non-isolated
1
NEW Product
The SMT10E series are non-isolated dc-dc converters packaged in a surface-mount footprint
giving designers a cost effective solution for conversion from a 12 V source. The SMT10E has a
wide input range (10 Vdc to 14 Vdc) and offers a wide 0.8 Vdc to 3.63 Vdc output voltage range
with a 10 A load, which allows for maximum design flexibility and a pathway for future upgrades.
The SMT10E is designed for applications that include distributed power, workstations, optical
network and wireless applications. Implemented using state of the art surface-mount
technology and automated manufacturing techniques, the SMT10E offers compact size and
efficiencies of up to 94%.
• 10 A Current rating
• Input voltage range: 10 Vdc to 14 Vdc
• Output voltage range: 0.8 Vdc to 3.63 Vdc
• Ultra high efficiency: 94% @ 12 Vin and 3.3 Vout
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Designed in reliability: MTBF of 6,920,000 hours
per Telcordia SR-332
• Ideal solution where board space is at a premium
or tighter card pitch is required
• Industry standard surface-mount footprint
• Available RoHS compliant
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
94%
Insulation voltage
Non-isolated
Switching frequency
Fixed
200 kHz typ.
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(LxWxH)
33.02 x 13.46 x 8.21 mm
1.3 x 0.53 x 0.323 inches
Weight
6.3 g (0.22 oz)
Coplanarity
100 µm
MTBF
Telcordia SR-332
6,920,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
(See Note 2)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit
Continuous
Thermal
Automatic recovery
OUTPUT SPECIFICATIONS
Voltage adjustability
0.8-3.63 Vdc
Setpoint accuracy
±0.4% typ.
Line regulation
±0.2% typ.
Load regulation
±1.0%typ.
Total error band
±3.0% typ.
Minimum load
0 A
Overshoot/undershoot
None
Ripple and noise
5 Hz to 20 MHz
60 mV pk-pk
25 mV rms
Temperature co-efficient
±0.01%/ºC
Transient response
100 mV max. deviation
100 µs recovery to
within ±1.0%
Remote sense
10% Vo compensation
INPUT SPECIFICATIONS
Input voltage range
10-14 Vdc
Input current
No load (max.)
100 mA
Input current (max.)
3 A max. @ Io max.
and Vout = 3.3 V
Input reflected ripple
100 mA rms
Remote ON/OFF
(See Note 1)
Start-up time
20 ms
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
SPECIFICATIONS


Similar Part No. - SMT10E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
logo
Advanced Energy Industr...
SMT10E ADVANCEDENERGY-SMT10E Datasheet
333Kb / 5P
13.2 Watts Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SMT10E-05S1V2J ARTESYN-SMT10E-05S1V2J Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
SMT10E-05S1V2J ARTESYN-SMT10E-05S1V2J Datasheet
400Kb / 4P
Embedded Power for Business-Critical Continuity
SMT10E-05S1V2J ARTESYN-SMT10E-05S1V2J_10 Datasheet
400Kb / 4P
Embedded Power for Business-Critical Continuity
More results

Similar Description - SMT10E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL05E EMERSON-NETWORKPOWER-SIL05E Datasheet
164Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL10E EMERSON-NETWORKPOWER-SIL10E Datasheet
189Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL15E EMERSON-NETWORKPOWER-SIL15E Datasheet
92Kb / 3P
DC/DC CONVERTERS E Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com