Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT10E Datasheet(PDF) 3 Page - Emerson Network Power

Part # SMT10E
Description  DC-DC CONVERTERS E Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT10E Datasheet(HTML) 3 Page - Emerson Network Power

  SMT10E Datasheet HTML 1Page - Emerson Network Power SMT10E Datasheet HTML 2Page - Emerson Network Power SMT10E Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMT10E Series
12 Vin single output
File Name: smt10e_12.pdf Rev (03): 16 Dec 2005
Please consult our website for the following items:
 Application Note  Longform Datasheet
www.artesyn.com
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
E Class Non-isolated
3
NEW Product
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1
Remote ON/OFF
2
Remote Sense +*
3
Trim*
4
+Vout
5
Ground
6+Vin
SIDE VIEW
Connector (6PL)
Width: 0.112
± 0.003 (2.84 ± 0.08)
Length: 0.062
± 0.002 (1.57 ± 0.04)
1.300
±0.010 (33.02 ±0.25)
0.039 (1.00)
BOTTOM VIEW
0.190
(4.83)
0.190
(4.83)
0.190
(4.83)
0.310
(7.87)
0.039 (1.00)
TOP VIEW
All dimensions in inches (mm)
All tolerance
±0.010in (±0.25mm)
unless otherwise stated
5
43
2
6
1
0.048 (1.22)
0.297
(7.54)
0.007 (0.18)
Min Clearance
Max. component
Seating Plane
*The sense function and the trim function are customer specified
options. Please consult factory for details.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com