Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4261IGN-2 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4261IGN-2
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261IGN-2 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4261IGN-2 Datasheet HTML 7Page - Linear Technology LTC4261IGN-2 Datasheet HTML 8Page - Linear Technology LTC4261IGN-2 Datasheet HTML 9Page - Linear Technology LTC4261IGN-2 Datasheet HTML 10Page - Linear Technology LTC4261IGN-2 Datasheet HTML 11Page - Linear Technology LTC4261IGN-2 Datasheet HTML 12Page - Linear Technology LTC4261IGN-2 Datasheet HTML 13Page - Linear Technology LTC4261IGN-2 Datasheet HTML 14Page - Linear Technology LTC4261IGN-2 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC4261/LTC4261-2
11
42612fb
The LTC4261/LTC4261-2 are designed to turn a board’s
supply voltage on and off in a controlled manner, allow-
ing the board to be safely inserted or removed from a
live –48V backplane. The devices also feature an onboard
10-bit ADC and I2C interface that allows monitoring board
current, voltages and faults. The main functional circuits
of the LTC4261/LTC4261-2 are illustrated in the Block
Diagram.
In normal operation after a start-up debounce delay, the
GATE pin turns on the external N-channel FET passing
power to the load. The GATE pin is powered by a shunt
regulated 11.2V supply on the VIN pin that is derived
from –48V RTN through a dropping resistor. The turn-on
sequence starts by pulling the SS pin up. The voltage at
the SS pin is converted to a current, IGATE(UP), pulling the
GATE up. When the pass FET starts to turn on and charge
the load capacitor, the inrush current flowing through the
FET is a function of the capacitor at RAMP (CR), the load
capacitor (CL) and the ramp current (IRAMP) that flows
from the RAMP pin to CR:
II
C
C
INRUSH
RAMP
L
R
=
•
IRAMP and IGATE(UP) are approximately proportional to the
SS pin voltage and are limited to 20µA and 11.5µA, respec-
tively when SS reaches its clamping voltage (2.56V).
The ACL amplifier is used for overcurrent and short-circuit
protection. It monitors the load current through the SENSE
pin voltage and a sense resistor RS. In an overcurrent con-
dition, the ACL amplifier limits the current to 50mV/RS by
pulling down GATE in an active servo loop. After a 530µs
timeout, the ACL amplifier turns off the pass FET. In the
event of a catastrophic short circuit, when VSENSE crosses
150mV, a fast response comparator pulls the GATE pin
down with a 110mA current.
The DRAIN and the GATE voltages are monitored to de-
termine if power is available for the load. Two power good
signals are sequenced on the PG pin (first power good
signal) and the PGIO pin (second power good signal), each
with a debounce delay that is twice the start-up delay. The
PGIO pin can also be used as a general purpose input or
output. The PGI pin serves as a watchdog to monitor the
output of the DC/DC module. If the module output fails to
come up, the LTC4261/LTC4261-2 shut down.
The TMR pin generates delays for initial start-up, auto-retry
following a fault, power good outputs and PGI check.
The logic circuits a re powered by an internally generated
5V supply (available on the INTVCC pin). Prior to turning
on the pass FET, both VIN and INTVCC voltages must ex-
ceed their undervoltage lockout thresholds. In addition,
the control inputs UVH, UVL, OV, EN, ON and PGI are
monitored by comparators. The FET is held off until all
start-up conditions are met.
A 10-bit analog-to-digital converter (ADC) is included in the
LTC4261/LTC4261-2. The ADC measures SENSE resistor
voltage as well as voltage at the ADIN2/OV (SSOP/QFN) and
ADIN pins. The results are stored in on-board registers.
An I2C interface is provided to read the ADC data registers.
It also allows the host to poll the device and determine if a
fault has occurred. If the ALERT line is used as an interrupt,
the host can respond to a fault in real time. The SDA line
is divided into SDAI (input) and SDAO (output) to facili-
tate opto coupling with the system host. Two three-state
pins, ADR0 and ADR1, are used to decode eight device
addresses. The interface can also be configured through
the ADR0 and ADR1 pins for a single-wire broadcast
mode, sending ADC data and faults status through the
SDAO pin to the host without clocking the SCL line. This
single-wire, one-way communication simplifies system
design by eliminating two optocouplers on SCL and SDAI
that are required by an I2C interface.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com