Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4261IGN-2 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4261IGN-2
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261IGN-2 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4261IGN-2 Datasheet HTML 21Page - Linear Technology LTC4261IGN-2 Datasheet HTML 22Page - Linear Technology LTC4261IGN-2 Datasheet HTML 23Page - Linear Technology LTC4261IGN-2 Datasheet HTML 24Page - Linear Technology LTC4261IGN-2 Datasheet HTML 25Page - Linear Technology LTC4261IGN-2 Datasheet HTML 26Page - Linear Technology LTC4261IGN-2 Datasheet HTML 27Page - Linear Technology LTC4261IGN-2 Datasheet HTML 28Page - Linear Technology LTC4261IGN-2 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC4261/LTC4261-2
25
42612fb
the R/W bit set to one. Any LTC4261/LTC4261-2 that is
pulling its ALERT pin low will acknowledge and begin
sending back its individual slave address.
An arbitration scheme ensures that the LTC4261/
LTC4261-2 with the lowest address will have priority;
all others will abort their response. The successful re-
sponder will then release its ALERT pin while any others
will continue to hold their ALERT pins low. Polling may
also be used to search for any LTC4261/LTC4261-2 that
have detected faults. Any LTC4261/LTC4261-2 pulling its
ALERT pin low will also release it if it is individually ad-
dressed during a read or write transaction.
The ALERT signal will not be pulled low again until the
FAULT register indicates a different fault has occurred or
the original fault is cleared and it occurs again. Note that
this means repeated or continuing faults will not gener-
ate alerts until the associated FAULT register bit has been
cleared.
Single-Wire Broadcast Mode
The LTC4261/LTC4261-2 provides a single-wire broadcast
mode in which selected register data are sent out to the
SDAO pin without clocking the SCL line (Figure 15). The
single-wire broadcast mode is enabled by setting the
ADR1 pin high and the ADR0 pin low (the I2C interface is
disabled). At the end of each conversion of the three ADC
channels, a stream of eighteen bits are broadcasted to
SDAO with a serial data rate of 15.3kHz ±20% in a format
as illustrated in Figure 16. The data bits are encoded with
an internal clock in a way similar to Manchester encoding
that can be easily decoded by a microcontroller or FPGA.
Each data bit consists of a noninverting phase and an
inverting phase. During the conversion of each ADC chan-
nel, SDAO is idle at high. At the end of the conversion, the
SDAO pulls low. The START bit indicates the beginning of
data broadcasting and is used along with the dummy bit
S
ALERT
RESPONSE
ADDRESS
0 0 0 1 1 0 0
DEVICE
ADDRESS
0 0 1 a3:a0 0 1
1
R
0
42612 F14
A
A P
Figure 14. LTC4261 Serial Bus SDA Alert Response Protocol
SDAI
SCL
SDAO
ADR1
ADR0
LTC4261
VIN
INTVCC
VEE
6
× 0.51k IN SERIES
1/4W EACH
–48V RTN
–48V INPUT
0.1
µF
1
µF
7.5k
42612 F15
VDD
5V
DIN
VCC
GND
ANODE
CATHODE
RL
HCPL-0300
VOUT
MICRO-
CONTROLLER
Figure 14. LTC4261 Serial Bus SDA Alert Response Protocol
Figure 15. Single-Wire Broadcast Mode
INTERNAL
CLK
DATA
SDAO
START
START
DMY
CH1
CH0
OC
OV
PRTY
4261 F16
UV
ADC9
.. .. .. ADC0
Figure 16. Single-Wire Broadcast Data Format
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com