Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4444 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4444
Description  High Voltage Synchronous N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4444 Datasheet(HTML) 1 Page - Linear Technology

  LTC4444 Datasheet HTML 1Page - Linear Technology LTC4444 Datasheet HTML 2Page - Linear Technology LTC4444 Datasheet HTML 3Page - Linear Technology LTC4444 Datasheet HTML 4Page - Linear Technology LTC4444 Datasheet HTML 5Page - Linear Technology LTC4444 Datasheet HTML 6Page - Linear Technology LTC4444 Datasheet HTML 7Page - Linear Technology LTC4444 Datasheet HTML 8Page - Linear Technology LTC4444 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4444
1
4444f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Voltage Synchronous
N-Channel MOSFET Driver
The LTC
®4444 is a high frequency high voltage gate driver
that drives two N-channel MOSFETs in a synchronous
DC/DC converter with supply voltages up to 100V. The
powerful driver capability reduces switching losses in
MOSFETs with high gate capacitance. The LTC4444’s
pull-up for the top gate driver has a peak output current
of 2.5A and its pull-down has an output impedance of
1.2
Ω. The pull-up for the bottom gate driver has a peak
output current of 3A and the pull-down has an output
impedance of 0.55
Ω.
The LTC4444 is configured for two supply-independent
inputs. The high side input logic signal is internally
level-shifted to the bootstrapped supply, which may
function at up to 114V above ground.
The LTC4444 contains undervoltage lockout circuits that
disable the external MOSFETs when activated. The LTC4444
also contains adaptive shoot-through protection to prevent
both MOSFETs from conducting simultaneously.
The LTC4444 is available in the thermally enhanced 8-lead
MSOP package.
■ Bootstrap Supply Voltage to 114V
■ Wide VCC Voltage: 7.2V to 13.5V
■ Adaptive Shoot-Through Protection
■ 2.5A Peak TG Pull-Up Current
■ 3A Peak BG Pull-Up Current
■ 1.2
Ω TG Driver Pull-Down
■ 0.55
Ω BG Driver Pull-Down
■ 5ns TG Fall Time Driving 1nF Load
■ 8ns TG Rise Time Driving 1nF Load
■ 3ns BG Fall Time Driving 1nF Load
■ 6ns BG Rise Time Driving 1nF Load
■ Drives Both High and Low Side N-Channel MOSFETs
■ Undervoltage Lockout
■ Thermally Enhanced 8-Pin MSOP Package
■ Distributed Power Architectures
■ Automotive Power Supplies
■ High Density Power Modules
■ Telecommunications
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6677210.
High Input Voltage Buck Converter
TG
BOOST
VIN
100V
(ABS MAX)
GND
TS
VCC
TINP
LTC4444
BG
PWM2
(FROM CONTROLLER IC)
PWM1
(FROM CONTROLLER IC)
VCC
7.2V TO 13.5V
BINP
VOUT
4444 TA01a
LTC4444 Driving a 1000pF Capacitive Load
BINP
5V/DIV
BG
10V/DIV
TINP
5V/DIV
TG-TS
10V/DIV
20ns/DIV
4444 TA01b


Similar Part No. - LTC4444

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4444 LINER-LTC4444 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4444 LINER-LTC4444 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4444 LINER-LTC4444 Datasheet
392Kb / 28P
High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
logo
Analog Devices
LTC4444 AD-LTC4444 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
LTC4444 AD-LTC4444 Datasheet
617Kb / 14P
150V Dual High-Side MOSFET Gate Driver
More results

Similar Description - LTC4444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6209 INTERSIL-ISL6209 Datasheet
347Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
March 2004
logo
Linear Technology
LTC4444-5 LINER-LTC4444-5 Datasheet
202Kb / 12P
High Voltage Synchronous N-Channel MOSFET Driver
LTC4447 LINER-LTC4447 Datasheet
190Kb / 12P
High Speed Synchronous N-Channel MOSFET Driver
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
High Speed Synchronous N-Channel MOSFET Driver
LTC4449 LINER-LTC4449_15 Datasheet
182Kb / 14P
High Speed Synchronous N-Channel MOSFET Driver
LTC4444 LINER-LTC4444_15 Datasheet
180Kb / 14P
High Voltage Synchronous N-Channel MOSFET Driver
LTC4444-5 LINER-LTC4444-5_15 Datasheet
179Kb / 14P
High Voltage Synchronous N-Channel MOSFET Driver
logo
Richtek Technology Corp...
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
RT9628A RICHTEK-RT9628A Datasheet
171Kb / 12P
High Voltage Synchronous Rectified Triple Channel Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6206 RENESAS-ISL6206 Datasheet
392Kb / 6P
High Voltage Synchronous Rectified Buck MOSFET Driver
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com