Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6906 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology LTC6906 Datasheet HTML 10Page - Linear Technology LTC6906 Datasheet HTML 11Page - Linear Technology LTC6906 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC6906
11
6906fa
Performance graphs. VSET changesapproximately–2.3mV/
°C. At room temperature VSET increases 18mV/octave or
60mV/decade of increase in ISET.
If the SET pin is driven with a current source generating
ISET, the oscillator output frequency will be:
ƒOSC
SET
SET
I
pF
mV
n
I
A
mV C
≅
⎛
⎝⎜
⎞
⎠⎟
°
10
25 9
82 10
23
18
.•
•
–.
/
–
Figure 17 and Figure 18 show a current controlled oscilla-
tor and a voltage controlled oscillator. These circuits are
not highly accurate if used alone, but can be very useful if
they are enclosed in an overall feedback circuit such as a
phase-locked loop.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
APPLICATIO S I FOR ATIO
Figure 17. Current Controlled Oscillator
Figure 18. Voltage Controlled Oscillator
V+
GND
DIV
OUT
GRD
SET
LTC6906
RSET
100
Ω
V+
3.6V TO 5.5V DC
1
µF
6906 F16
Figure 16. Using the LTC6906 at Higher Supply Voltages
unpredictable oscillator behavior. Accuracy under higher
supplies may be estimated from the typical Frequency vs
Supply Voltage curves in the Typical Performance Charac-
teristics section of this data sheet.
V+
GND
DIV
OUT
GRD
SET
LTC6906
ICTRL
0.65
µA TO 6.5µA
V+
6906 F17
100kHz TO 1MHz
V+
GND
DIV
OUT
GRD
SET
LTC6906
RSET
100k
VCTRL
0V TO 0.585V
V+
6906 F18
1MHz TO 100kHz
Alternative Methods for Setting the Output Frequency
Any means of sinking current from the SET pin will control
the output frequency of the LTC6906. Equation 2 (re-
peated below) gives the fundamental relationship between
frequency and the SET pin voltage and current:
t
V
I
pF
OSC
OSC
SET
SET
==
1
10
ƒ
•
(2)
This equation shows that the LTC6906 converts conduc-
tance (ISET/VSET) to frequency or, equivalently, converts
resistance (RSET = VSET/ISET) to period.
VSET is the voltage across an internal diode, and as such
it is given approximately by:
V
V
Log
I
I
mV Log
I
A
mV C
SET
T
e
SET
S
e
SET
≅
≅
⎛
⎝⎜
⎞
⎠⎟
°
•
.•
•
–.
/
–
25 9
82 10
23
18
where
VT = kT/q = 25.9mV at T = 300°K (27°C)
IS ≅ 82 • 10–18 Amps
(IS is also temperature dependent)
VSET varies with temperature and the SET pin current. The
response of VSET to temperature is shown in the Typical
Jitter and Divide Ratio
At a given output frequency, a higher master oscillator
frequency and a higher divide ratio will result in lower jitter
and higher power supply dissipation. Indeterminate jitter
percentage will decrease by a factor of slightly less than
the square root of the divider ratio, while determinate jitter
will not be similarly attenuated. Please consult the speci-
fication tables for typical jitter at various divider ratios.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com