Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6906 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 2 Page - Linear Technology

  LTC6906 Datasheet HTML 1Page - Linear Technology LTC6906 Datasheet HTML 2Page - Linear Technology LTC6906 Datasheet HTML 3Page - Linear Technology LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC6906
2
6906fa
V+ ................................................................– 0.3V to 6V
DIV to GND .................................... – 0.3V to (V+ + 0.3V)
SET to GND ................................... – 0.3V to (V+ + 0.3V)
GRD to GND .................................. – 0.3V to (V+ + 0.3V)
Operating Temperature Range (Note 7)
LTC6906C .......................................... – 40
°C to 85°C
LTC6906I ............................................ – 40
°C to 85°C
LTC6906H ........................................ – 40
°C to 125°C
Specified Temperature Range (Note 7)
LTC6906C ............................................... 0
°C to 70°C
LTC6906I ............................................ – 40
°C to 85°C
LTC6906H ........................................ – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART NUMBER
TJMAX = 150°C, θJA = 230°C/W
LTC6906CS6
LTC6906IS6
LTC6906HS6
(Note 1)
S6 PART MARKING*
LTBJN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature range.
*The temperature grade is identified by a label on the shipping container.
OUT 1
GND 2
DIV 3
6 V+
5 GRD
4 SET
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
The
denotes the specifications which apply over the full specified
temperature range, otherwise specifications are at TA = 25°C. V+ = 2.25V to 3.6V, CL = 5pF, Pin 3 = V+ unless otherwise noted.
All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆f
Frequency Accuracy (Notes 2, 3)
V+ = 2.7V to 3.6V 100kHz
≤ f ≤ 1MHz
±0.25
±0.5
%
100kHz
≤ f ≤ 1MHz, LTC6906C
±0.65
%
100kHz
≤ f ≤ 1MHz, LTC6906I
±1.3
%
f = 1MHz, LTC6906H
±1.3
%
f = 100kHz, LTC6906H
±2.2
%
V+ = 2.25V
100kHz
≤ f ≤ 1MHz
±0.25
±0.7
%
100kHz
≤ f ≤ 1MHz, LTC6906C
±0.85
%
100kHz
≤ f ≤ 1MHz, LTC6906I
±1.3
%
f = 1MHz, LTC6906H
±1.3
%
f = 100kHz, LTC6906H
±2.2
%
RSET
Frequency-Setting Resistor Range
100
1000
k
∆f/∆T
Frequency Drift Over Temp (Note 3)
RSET = 316k
±0.005
%/
°C
∆f/∆V
Frequency Drift Over Supply (Note 3)
V+ = 2.25V to 3.6V, 100k
≤ RSET ≤ 1000k
0.06
%/V
Timing Jitter (Note 4)
Pin 3 = V+, 100k
≤ RSET ≤ 1000k
0.03
%
Pin 3 = Open, 100k
≤ RSET ≤ 1000k
0.07
%
Pin 3 = 0V, 100k
≤ RSET ≤ 1000k
0.15
%
Sf
Long-Term Stability of Output Frequency
Pin 3 = V+
300
ppm/
√kHr
DC
Duty Cycle
45
50
55
%
V+
Operating Supply Range (Note 8)
2.25
3.6
V
IS
Power Supply Current
RSET = 1000k, Pin 3 = 0V, RL = 10M
V+ = 3.6V
12.5
18
µA
(DIV = 1, fOUT = 100kHz)
V+ = 2.25V
10.0
15
µA
RSET = 100k, Pin 3 = 0V, RL = 10M
V+ = 3.6V
78
100
µA
(DIV = 1, fOUT = 1MHz)
V+ = 2.25V
60
80
µA
ELECTRICAL CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com