Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6912 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6912
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6912 Datasheet HTML 5Page - Linear Technology LTC6912 Datasheet HTML 6Page - Linear Technology LTC6912 Datasheet HTML 7Page - Linear Technology LTC6912 Datasheet HTML 8Page - Linear Technology LTC6912 Datasheet HTML 9Page - Linear Technology LTC6912 Datasheet HTML 10Page - Linear Technology LTC6912 Datasheet HTML 11Page - Linear Technology LTC6912 Datasheet HTML 12Page - Linear Technology LTC6912 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC6912
9
6912fa
The
● denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1, RL = 10k to midsupply point, unless
otherwise noted.
ELECTRICAL CHARACTERISTICS
C, I GRADES
H GRADE
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Specifications for the LTC6912-2 ONLY
Channel-to-Channel
VS = 2.7V, Gain = 1, RL = 10k
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
Voltage Gain Match
VS = 2.7V, Gain = 1, RL = 500Ω
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
(Note 6)
VS = 2.7V, Gain = 2, RL = 10k
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = 2.7V, Gain = 4, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 2.7V, Gain = 8, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 2.7V, Gain = 8, RL = 500Ω
●
–0.15
±0.02
0.15
–0.2
±0.02
0.2
dB
VS = 2.7V, Gain = 16, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 2.7V, Gain = 32, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 2.7V, Gain = 64, RL = 10k
●
–0.2
±0.02
0.2
–0.2
±0.02
0.2
dB
VS = 2.7V, Gain = 64, RL = 500Ω
●
–0.7
±0.02
0.7
–1.0
±0.02
1.0
dB
VS = 5V, Gain = 1, RL = 10k
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = 5V, Gain = 1, RL = 500Ω
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = 5V, Gain = 2, RL = 10k
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = 5V, Gain = 4, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 5V, Gain = 8, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 5V, Gain = 8, RL = 500Ω
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 5V, Gain = 16, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 5V, Gain = 32, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 5V, Gain = 64, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 5V, Gain = 64, RL = 500Ω
●
–0.6
±0.02
0.6
–0.8
±0.02
0.8
dB
VS = ±5V, Gain = 1, RL = 10k
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = ±5V, Gain = 1, RL = 500Ω
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = ±5V, Gain = 2, RL = 10k
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = ±5V, Gain = 4, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = ±5V, Gain = 8, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = ±5V, Gain = 8, RL = 500Ω
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = ±5V, Gain = 16, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = ±5V, Gain = 32, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = ±5V, Gain = 64, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = ±5V, Gain = 64, RL = 500Ω
●
–0.4
±0.02
0.4
–0.6
±0.02
0.6
dB
Gain Temperature Coefficient
VS = 5V, Gain = 1, RL = OPEN
2
2
ppm/
°C
(Note 6)
VS = 5V, Gain = 2, RL = OPEN
–4
–4
ppm/
°C
VS = 5V, Gain = 4, RL = OPEN
–10
–10
ppm/
°C
VS = 5V, Gain = 8, RL = OPEN
–24
–24
ppm/
°C
VS = 5V, Gain = 16, RL = OPEN
–30
–30
ppm/
°C
VS = 5V, Gain = 32, RL = OPEN
–40
–40
ppm/
°C
VS = 5V, Gain = 64, RL = OPEN
–120
–120
ppm/
°C
Channel-to-Channel Gain
VS = 5V, Gain = 1, RL = OPEN
0
0
ppm/
°C
Temperature Coefficient Match
VS = 5V, Gain = 2, RL = OPEN
–0.5
–0.5
ppm/
°C
(Note 6)
VS = 5V, Gain = 4, RL = OPEN
0
0
ppm/
°C
VS = 5V, Gain = 8, RL = OPEN
0
0
ppm/
°C
VS = 5V, Gain = 16, RL = OPEN
–1
–1
ppm/
°C
VS = 5V, Gain = 32, RL = OPEN
–4
–4
ppm/
°C
VS = 5V, Gain = 64, RL = OPEN
–4
–4
ppm/
°C
Channel-to-Channel Isolation
f = 200kHz,
(Note 7)
VS = 5V, Gain = 1, RL = 10k
117
117
dB
VS = 5V, Gain = 8, RL = 10k
110
110
dB
VS = 5V, Gain = 64, RL = 10k
92
92
dB
Offset Voltage Magnitude
Gain = 1
●
0.125
2
0.125
3.5
mV
(Internal Op-Amp, Note 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com