Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6912 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6912
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6912 Datasheet HTML 12Page - Linear Technology LTC6912 Datasheet HTML 13Page - Linear Technology LTC6912 Datasheet HTML 14Page - Linear Technology LTC6912 Datasheet HTML 15Page - Linear Technology LTC6912 Datasheet HTML 16Page - Linear Technology LTC6912 Datasheet HTML 17Page - Linear Technology LTC6912 Datasheet HTML 18Page - Linear Technology LTC6912 Datasheet HTML 19Page - Linear Technology LTC6912 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC6912
16
6912fa
INA, INB: Analog Inputs. The input signal to the A channel
amplifier of the LTC6912-X is the voltage difference be-
tween the INA pin and AGND pin. Likewise, the input signal
to the B channel amplifier of the LTC6912-X is the voltage
difference between the INB pin and AGND pin. The INA (or
INB) pin connects internally to a digitally controlled resis-
tance whose other end is a current summing point at the
same potential as the AGND pin (Figure 1). At unity gain,
the value of this input resistance is approximately 10k
Ω
and the INA (or INB) pin voltage range is rail-to-rail (V+ to
V–). At gain settings above unity, the input resistance falls.
The linear input range at INA and INB also falls inversely
proportional to the programmed gain. Tables 1 and 2
summarize this behavior. The higher gains are designed to
boost lower level signals with good noise performance. In
the “zero” gain state (state = 0), or in software shutdown
(state = 8) analog switches disconnect the INA or INB pin
internally and this pin presents a very high input resis-
tance. In the “zero” gain state (state = 0), the input may
vary from rail to rail but the output is insensitive to it and
is forced to the AGND potential. Circuitry driving the INA
and INB pins must consider the LTC6912-X’s input resis-
tance, its process variance, and the variation of this
resistance from gain setting to gain setting. Signal sources
with significant output resistance may introduce a gain
error as the source’s output resistance and the LTC6912-
X’s input resistance forms a voltage divider. This is espe-
cially true at higher gain settings where the input resis-
tance is the lowest.
PI FU CTIO S
Figure 1. GN-16 Block Diagram
+
–
+
–
MOS INPUT
OP AMP
MOS INPUT
OP AMP
V+
V+
V–
SHDN
CS/LD
DATA
CLK
6912 BD
LOWER
NIBBLE
UPPER
NIBBLE
8-BIT
LATCH
8-BIT
SHIFT-REGISTER
INPUT R ARRAY
FEEDBACK R ARRAY
INPUT R ARRAY
FEEDBACK R ARRAY
CHANNEL A
CHANNEL B
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
5
3
1
16
15
13
14
12
10
11
6
7
8
9
2
4
NC
INA
AGND
V–
OUT A
OUT B
NC
V+
NC
DGND
DOUT
INB
100k
100k
In single supply voltage applications, the LTC6912-X’s DC
ground reference for both input and output is AGND, not
V–. With increasing gains, the LTC6912-X’s input voltage
range for an unclipped output is no longer rail-to-rail but
diminishes inversely to gain, centered about the AGND
potential.
TYPICAL PERFOR A CE CHARACTERISTICS
LTC6912-2 Gain Shift vs
Temperature (Heavy Load)
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
125
0.25
0
–0.25
–0.50
–0.75
–1.00
6912 G26
VS = 5V
RL = 500
GAIN = 1
GAIN = 8
GAIN = 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com