Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6943 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6943
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6943 Datasheet HTML 5Page - Linear Technology LTC6943 Datasheet HTML 6Page - Linear Technology LTC6943 Datasheet HTML 7Page - Linear Technology LTC6943 Datasheet HTML 8Page - Linear Technology LTC6943 Datasheet HTML 9Page - Linear Technology LTC6943 Datasheet HTML 10Page - Linear Technology LTC6943 Datasheet HTML 11Page - Linear Technology LTC6943 Datasheet HTML 12Page - Linear Technology LTC6943 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC6943
9
6943f
0.01% Analog Multiplier
6943 • TA09
0.001µF
1µF
1k
LT1004-1.2V
2N2907A
(FOR START-UP)
5V
XINPUT
OPERATE LTC6943 FROM ±5V
POLYPROPYLENE, MOUNT CLOSE
1% FILM RESISTOR
ADJUST OUTPUT TRIM
SO X • Y = OUTPUT ±0.01%
YINPUT
1µF
1µF
2
3
4
6
7
1/4 LTC6943
10
12
5V
0.01µF
–5V
2
3
4
7
6
–
+
LT1056
–5V
–5V
–5V
30pF
22k
330k
–
+
LT1056
11
0.001µF
1/4 LTC6943
1
14
4
5
7.5k*
80.6k*
20k
OUTPUT
TRIM
OUTPUT
XY ±0.01%
†
†
†
*
TYPICAL APPLICATIO S
Single 5V Supply, Ultra Precision Low Power with
True Rail-to-Rail In/Out Instrumentation Amplifier
6943 • TA10
0.0047
INPUT AND OUTPUT VOLTAGE RANGE INCLUDES GROUND.
INPUT REFERRED OFFSET ERRORS ARE TYPICALLY 3µV WITH
2µV OF PEAK-TO-PEAK DC TO 10Hz NOISE
CMRR ~ 120dB
10
9
6
11
INPUT
OUTPUT
AV = 1000
10k
1µF
1µF
100Ω
43k
2
1
5
5V
3
4
LTC6943
12
14
3
2
1
1µF
1µF
NONPOLARIZED
4
13
1N914
5V
0.22µF
99.9k
5
16
7
+
–
V+ = 5V
–
+
15
≈ –0.5V
~
LTC2054CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com