Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6943 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6943
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6943 Datasheet HTML 8Page - Linear Technology LTC6943 Datasheet HTML 9Page - Linear Technology LTC6943 Datasheet HTML 10Page - Linear Technology LTC6943 Datasheet HTML 11Page - Linear Technology LTC6943 Datasheet HTML 12Page - Linear Technology LTC6943 Datasheet HTML 13Page - Linear Technology LTC6943 Datasheet HTML 14Page - Linear Technology LTC6943 Datasheet HTML 15Page - Linear Technology LTC6943 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC6943
16
6943f
LT/TP 0804 1K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
5V Powered Voltage-to-Frequency Converter
TYPICAL APPLICATIO S
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1043
Dual Precision Instrumentation
120dB CMRR, 3V to 18V Operation
Switched Cap, Building Block
LTC1152
Rail-to-Rail In/Out, Zero Drift Op Amp
Operates Up to 14V Supply Voltage
LTC2050
Zero Drift Op Amp
Single Supply Operation on 2.7V to 11V, SOT-23 Package
LTC2051
Zero Drift Dual Op Amp
Dual LTC2050, 8-Lead DFN, MS8 Packages
LTC2052
Zero Drift Quad Op Amp
Dual LTC2050, GN16 Package
LTC2053
Precision, Rail-to-Rail Zero Drift I.A.
120dB CMRR at Low Gains
LTC2054
Low Power, Zero Drift Op Amp
150µA Supply Current, SOT-23 Package
LTC6800
Low Cost, Rail-to-Rail I.A.
VOS(MAX) = 100µV, DFN 8 Package
LTC6915
Precision Instrumentation Amplifier
14 Levels of Programmable Gain, 125dB CMRR
with Digitally Programmable Gain
–
+
+
6943 TA19
D1
1N4148
50k
22k
10k
1µF
75k*
10k
FULL SCALE
TRIM
1N5712
INPUT
0V TO
2V
5VIN
A1
1/2 LT1017
120pF
1.6M
(10Hz TRIM)
C2
560pF
22µF
LT1034
1.2V
16
5
3
16
4
13
C1**
0.01
µF
15
13
2
fOUT
0kHz TO
3kHz
LTC6943
5VIN
2
14
1
* = 1% FILM RESISTOR, TYPE TRW-MTR+120ppm/°C
** = POLYPROPYLENE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com