Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4606V Datasheet(PDF) 18 Page - Linear Technology

Part # LTM4606V
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606V Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM4606V Datasheet HTML 14Page - Linear Technology LTM4606V Datasheet HTML 15Page - Linear Technology LTM4606V Datasheet HTML 16Page - Linear Technology LTM4606V Datasheet HTML 17Page - Linear Technology LTM4606V Datasheet HTML 18Page - Linear Technology LTM4606V Datasheet HTML 19Page - Linear Technology LTM4606V Datasheet HTML 20Page - Linear Technology LTM4606V Datasheet HTML 21Page - Linear Technology LTM4606V Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTM4606
18
4606f
APPLICATIONS INFORMATION
Frequency Adjustment
The LTM4606 is designed to typically operate at 800kHz
across most input conditions. The fSET pin is typically left
open or decoupled with an optional 1000pF capacitor. The
switching frequency has been optimized for maintaining
constant output ripple noise over most operating ranges.
The 800kHz switching frequency and the 400ns minimum
off time can limit operation at higher duty cycles like 5V
to 3.3V, and produce excessive inductor ripple currents
for lower duty cycle applications like 28V to 5V.
Example for 5V Output
LTM4606 minimum on-time = 100ns;
tON = ((4.8 • 10pf)/IfSET)
LTM4606 minimum off-time = 400ns;
tOFF = t – tON, where t = 1/Frequency
Duty Cycle = tON/t or VOUT/VIN
Equations for setting frequency:
IfSET = (VIN/(3 • RfSET)), where the internal RfSET is 41.2k.
For 28V input operation, IfSET = 227μA. tON = ((4.8 • 10pF)/
IfSET),tON=211ns.Frequency=(VOUT/(VIN•tON))=(5V/(28
• 211ns)) ~ 850kHz. The inductor ripple current begins to
get high at the higher input voltages due to a larger voltage
across the inductor. The current ripple is ~5A at 20% duty
cycle if the integrated inductor is 1μH. The inductor ripple
current can be lowered at the higher input voltages by add-
ing an external resistor from fSET to ground to increase the
switching frequency. A 4A ripple current is chosen, and the
total peak current is equal to 1/2 of the 4A ripple current
plus the output current. For 5V output, current is limited to
5A, so the total peak current is less than 7A. This is below
the 8A peak specified value. A 150k resistor is placed from
fSET to ground, and the parallel combination of 150k and
41.2k equates to 32.3k. The IfSET calculation with 32.3k
and 28V input voltage equals 289μA. This equates to a tON
of 166ns. This will increase the switching frequency from
850kHzto~1MHzforthe28Vto5Vconversion.Theminimum
on time is above 100ns at 28V input. Since the switching
frequency is approximately constant over input and output
conditions, then the lower input voltage range is limited to
8V for the 1MHz operation due to the 400ns minimum off
time. Equation: tON = (VOUT/VIN) • (1/Frequency) equates to
a 375ns on time, and a 400ns off time. Figure 18 shows an
operating range of 10V to 28V for 1MHz operation with a
150k resistor to ground, and an 8V to 16V operating range
for fSET floating. These modifications are made to provide
wider input voltage ranges for the 5V output designs while
limiting the inductor ripple current, and maintaining the
400ns minimum off time.
Example for 3.3V Output
LTM4606 minimum on-time = 100ns;
tON = ((3.3 • 10pF)/IfSET)
LTM4606 minimum off-time = 400ns;
tOFF = t – tON, where t = 1/Frequency
Duty Cycle (DC) = tON/t or VOUT/VIN
Equations for setting frequency:
IfSET = (VIN/(3 • RfSET)), for 28V input operation, IfSET =
227μA, tON = ((3.3 • 10pf)/IfSET), tON = 145ns, where the
internal RfSET is 41.2k. Frequency = (VOUT/(VIN • tON)) =
(3.3V/(28 • 145ns)) ~ 810kHz. The minimum on-time and
minimum-off time are within specification at 146ns and
1089ns. But the 4.5V minimum input for converting 3.3V
output will not meet the minimum off-time specification of
400ns. tON = 905ns, Frequency = 810kHz, tOFF = 329ns.
Solution
Lower the switching frequency at lower input voltages to
allow for higher duty cycles, and meet the 400ns mini-
mum off-time at 4.5V input voltage. The off-time should
be about 500ns with 100ns guard band. The duty cycle
for (3.3V/4.5V) = ~73%. Frequency = (1 – DC)/tOFF or
(1 – 0.73)/500ns = 540kHz. The switching frequency
needs to be lowered to 540kHz at 4.5V input. tON = DC/
frequency, or 1.35μs. The fSET pin voltage compliance
is 1/3 of VIN, and the IfSET current equates to 36μA with
the internal 41.2k. The IfSET current needs to be 24μA for
540kHz operation. A resistor can be placed from VOUT to
fSET to lower the effective IfSET current out of the fSET pin
to 24μA. The fSET pin is 4.5V/3 =1.5V and VOUT = 3.3V,
therefore an 150k resistor will source 12μA into the fSET
node and lower the IfSET current to 24μA. This enables the
540kHz operation and the 4.5V to 28V input operation for
down converting to 3.3V output as shown in Figure 19.
The frequency will scale from 540kHz to 950kHz over this
input range. This provides for an effective output current
of 5A over the input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com